Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5?? Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products MAX4607 Datasheet HTML 10Page - Maxim Integrated Products MAX4607 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2.5
, Dual, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
Pin Description
60
80
120
100
140
180
160
200
-10
-4 -2
-6
-8
0
2
4
6
8
10
ON/OFF TIME vs. VCOM
VCOM (V)
tOFF
RL = 100Ω
CL = 35pF
tON
-100
-90
-80
-60
-70
-40
-50
-10
-20
-30
0
0.01
0.1
1
10
100
FREQUENCY RESPONSE
MAX4607/08/09-11
FREQUENCY (MHz)
-720
-630
-540
-360
-450
-180
-270
190
0
-90
180
ON-RESPONSE
ON-PHASE
OFF-ISOLATION
Logic-Control Digital Inputs
2, 7
2, 7
MAX4607
FUNCTION
MAX4608
MAX4609
2, 7
PIN
NAME
IN2, IN2
14, 11
COM1, COM2
Analog Switch, Common Terminals
14, 11
14, 11
NC1, NC2
NO1, NO2
Analog Switch, Normally Open Terminals
16, 9
Analog Switch, Normally Closed Terminals
16, 9
9
NC1
16
NO1
Analog Switch, Normally Open Terminal
4
V-
5
GND
Ground
5
5
Negative Analog Supply-Voltage Input. Connect to DGND for
single-supply operation.
4
4
Analog Switch, Normally Closed Terminal
1, 3, 6, 8,
10, 15
N.C.
No Connection. Not internally connected. Connect to GND as
low impedance to improve on/off-isolation.
1, 3, 6, 8,
10, 15
1, 3, 6, 8,
10, 15
12
VL
13
V+
Positive Analog-Supply Input
13
13
Logic-Supply Input
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com