Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM3737 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM3737
Description  Dual, Complementary MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM3737 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM3737 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM3737 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual, Complementary MOSFETs
in miniature SOT-563 package
Central Semiconductor’s CMLDM3737 (N-Channel) and
complementary CMLDM5757 (P-Channel) are dual 20V,
540mA (N-channel) and 20V, 430mA (P-Channel) MOSFETs
in the miniature, SOT-563 surface mount package.
CMLDM3737 and CMLDM5757 are ideal solutions for design
engineers seeking energy efficient MOSFETs in a
small package.
SOT-563
N-Channel
P-Channel
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
• Space saving miniature package
• Complementary N-Channel and P-Channel devices
• Energy efficiency
Benefits:
Typical Electrical Characteristics
Features:
• ESD protection up to 2kV
• 350mW Power dissipation
• Low threshold voltage
• Logic gate charge
• Very Low rDS(ON)
Applications:
• Load Switch/Level Shifting
• Battery charging
• Boost switch
• Electro-luminescent backlighting
Electrical Characteristics: (TA = 25˚C unless otherwise noted)
Thermal Characteristics
BVDSS
(V)
MIN
ID
(mA)
MAX
VGS(th)
(V)
MIN
MAX
rDS(ON)
@ VGS
@ ID
(Ω)
(V)
(mA)
MAX
Ciss
(pF)
MAX
Qg(tot)
(nC)
TYP
PD
(mW)
MAX
TJ, Tstg
(˚C)
MAX
N-Channel
20
540
0.45
1.0
0.55
0.7
0.9
4.5
2.5
1.8
540
500
350
150
1.58
350
-65 to +150
P-Channel
20
430
0.45
1.0
0.9
1.2
2.0
4.5
2.5
1.8
430
300
150
175
1.2
350
-65 to +150
To order samples of this device visit:
www.centralsemi.com/info/CMLDM
Samples and Literature
Order your selection guide today.
Visit: web.centralsemi.com/search/sample.php
New
SMD
SELECTION
GUIDE
CMLDM3737 (N-Channel)
CMLDM5757 (P-Channel)
Product Brief
Product Brief


Similar Part No. - CMLDM3737

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM3737 CENTRAL-CMLDM3737 Datasheet
592Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM3737 CENTRAL-CMLDM3737_15 Datasheet
605Kb / 3P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
More results

Similar Description - CMLDM3737

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSM21356DW6T1G ONSEMI-NSM21356DW6T1G Datasheet
77Kb / 4P
Dual Complementary Transistors
March, 2008 - Rev. 0
logo
Seme LAB
MD6003 SEME-LAB-MD6003 Datasheet
22Kb / 2P
COMPLEMENTARY DUAL
logo
Central Semiconductor C...
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
CMLDM7005_8005_7585 CENTRAL-CMLDM7005_8005_7585 Datasheet
1Mb / 2P
20V, 650mA Dual, Complementary MOSFETs in the miniature SOT-563 package
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
DUAL, COMPLEMENTARY TRANSISTOR
CMRDM3575 CENTRAL-CMRDM3575_15 Datasheet
436Kb / 2P
COMPLEMENTARY SILICON MOSFETS
CTLDM7181-M832D CENTRAL-CTLDM7181-M832D_15 Datasheet
473Kb / 2P
ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
PB-CMLDM7005_1509 CENTRAL-PB-CMLDM7005_1509 Datasheet
1Mb / 2P
20V, 650mA Dual, Complementary MOSFETs
logo
Texas Instruments
PTB48580 TI1-PTB48580 Datasheet
608Kb / 13P
Dual Complementary-Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com