Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM3737 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLDM3737
Description  Dual, Complementary MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM3737 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLDM3737 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM3737 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CMLDM3737_5757
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit:
www.centralsemi.com
Innovative Discrete
Semiconductors
Packaging Base
Pinout
N-Channel
P-Channel
Reel Packing Information
Mechanical Drawing - SOT-563
Sample devices available upon request. To order samples of this device visit: www.centralsemi.com/info/CMLDM
7” Reel =
3,000 pcs. (add TR suffix to part number)
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 8mm
Direction of Unreeling
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-2-A
Reel
Size
Reels per Box
(Maximum)
Parts per Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
7”
3
9
18
40
108
9,000
27,000
54,000
120,000
324,000
8x7x2
9x9x5
9x9x9
21x9x9
27x9x17
20x18x5
23x23x13
23x23x23
53x23x23
69x23x43
1
3
6
13
34
1
2
3
6
16
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING
CODE: 7C3
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING
CODE: 77C
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • Tel:(631) 435-1110 • Fax:(631) 435-1824
CMLDM3737 (N-Channel)
CMLDM5757 (P-Channel)
Dual, Complementary MOSFETs
in miniature SOT-563 package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com