Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP650-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP650-R
Description  LED with Lens
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP650-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  QBLP650-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QBLP650 series
1206 LED
Product: QBLP650 series
Date: June 15, 2011
Page 6 of 8
Version# 2.2
Solder Profile & Footprint:
( Proposed Solder footprint )
Units: mm
tolerance: +/- 0.1mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com