Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP650-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBLP650-R
Description  LED with Lens
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP650-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBLP650-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
QBLP650 series
1206 LED
Product: QBLP650 series
Date: June 15, 2011
Page 1 of 8
Version# 2.2
Feature:
- Water clear lens
- Package in tape and reel
- Bright 1206 LED package
- InGaN technology for IB/IG/IW
- AllnGaP technology for R/AG/Y/O
Description:
This top mount bright 1206 LEDs have a height
profile of 1.1mm, which is ideal in any kind of back
lighting application. Also, it is a light weight model
that is good for miniature products..
Application:
- Automotive dashboard lighting and button lighting
- Telecommunication and storage Back lighting
- Flat panel display back lighting
Certification & Compliance:
- TS16949
- ISO9001
- RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBLP650-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP650-R ETC-QBLP650-R Datasheet
592Kb / 8P
LED
QBLP650-R ETC1-QBLP650-R Datasheet
484Kb / 8P
LED
QBLP650-RAG ETC1-QBLP650-RAG Datasheet
403Kb / 10P
BI COLOR LED
QBLP650-RGB ETC1-QBLP650-RGB Datasheet
616Kb / 10P
SMD 1210 RGB LED
More results

Similar Description - QBLP650-R

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8 Datasheet
258Kb / 10P
Infrared LED With Inner Lens
07-20-2005
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
Chip LED with Inner Lens
25-21-T1D-ANQHY EVERLIGHT-25-21-T1D-ANQHY Datasheet
158Kb / 11P
Chip LED with Inner Lens
T1D-APQHY EVERLIGHT-T1D-APQHY Datasheet
206Kb / 11P
Chip LED with Inner Lens
67-21BSYGC-S530-E5-TR8 EVERLIGHT-67-21BSYGC-S530-E5-TR8 Datasheet
225Kb / 9P
Top View LED With Lens
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T Datasheet
142Kb / 10P
Chip LED with Inner Lens
logo
List of Unclassifed Man...
QBLP651 ETC-QBLP651 Datasheet
979Kb / 14P
LED with Inner Lens
QBLP653B-IR1 ETC1-QBLP653B-IR1 Datasheet
657Kb / 9P
IR LED with Dome Lens
QBLP653-IR1 ETC1-QBLP653-IR1 Datasheet
657Kb / 9P
IR LED with Dome Lens
logo
Rohm
CSL090X ROHM-CSL090X Datasheet
270Kb / 10P
Small LED with Lens
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com