Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4635 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4635
Description  Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4635 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4635 Datasheet HTML 1Page - Maxim Integrated Products MAX4635 Datasheet HTML 2Page - Maxim Integrated Products MAX4635 Datasheet HTML 3Page - Maxim Integrated Products MAX4635 Datasheet HTML 4Page - Maxim Integrated Products MAX4635 Datasheet HTML 5Page - Maxim Integrated Products MAX4635 Datasheet HTML 6Page - Maxim Integrated Products MAX4635 Datasheet HTML 7Page - Maxim Integrated Products MAX4635 Datasheet HTML 8Page - Maxim Integrated Products MAX4635 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
_______________________________________________________________________________________
5
Fast, Low-Voltage, Dual 4
Ω SPDT
CMOS Analog Switches
0
4
2
8
6
12
10
14
02
1
345
ON-RESISTANCE vs. VCOM
VCOM (V)
V+ = 2.5V
V+ = 3.0V
V+ = 1.8V
V+ = 4.5V
V+ = 5.0V
4.0
3.5
3.0
2.5
2.0
0
1.5
0.5
1.0
2.0
2.5
3.0
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (V+ = +3V)
VCOM (V)
TA = +85°C
TA = -40°C
TA = +25°C
1.5
2.0
2.5
3.0
01
2
3
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (V+ = +5V)
VCOM (V)
4
TA = +85°C
TA = -40°C
TA = +25°C
-0.35
-0.20
-0.25
-0.30
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
-50
0
50
100
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE (V+ = +5V)
TEMPERATURE (°C)
ICOM(ON)
NO(OFF)
-5
5
0
15
10
20
25
02
1
345
CHARGE INJECTION vs. VCOM
VCOM (V)
VCC = +3V
VCC = +5V
0
20
40
1.5
2.5
3.5
5.5
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
tON
tOFF
0
10
15
25
-50
0
50
100
TURN-ON/OFF TIME
vs. TEMPERATURE (V+ = +5V)
TEMPERATURE (
°C)
20
5
tON
tOFF
0
0.5
1.0
1.5
2.0
-50
0
50
100
POWER-SUPPLY CURRENT
vs. TEMPERATURE (V+ = +5V)
TEMPERATURE (°C)
0
0.5
1.5
1.0
2.0
2.5
LOGIC-LEVEL THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
13
24
5
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com