Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4635 Datasheet (PDF) - Maxim Integrated Products

MAX4635 Datasheet PDF - Maxim Integrated Products
Part # MAX4635
Download  MAX4635 Download
File Size   245.31 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches

MAX4635 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4635 Datasheet PDF - Maxim Integrated Products

Part # MAX4635
Download  MAX4635 Click to download

File Size   245.31 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches

MAX4635 Datasheet (HTML) - Maxim Integrated Products


MAX4635 Product details

General Description
The MAX4635/MAX4636 are fast, dual 4Ω single-pole/double-throw (SPDT) analog switches that operate with supply voltages from +1.8V to +5.5V. High switching speeds, 1Ω on-resistance flatness, and low power consumption make these devices ideal for audio/video, communications, and battery-operated devices. Containing two independently controllable SPDT switches in 10-pin µMAX and 10-pin 3mm x 3mm thin QFN packages, the MAX4635/MAX4636 use little board space, and have low power consumption ensuring min imal impact on your power budget. The analog signal range extends to the supply rails. The MAX4635 has inverted logic compared to the MAX4636.

Features
♦ Guaranteed On-Resistance
   4Ω (max) +5V Supply
   5.5Ω (max) +3V Supply
♦ Guaranteed Match Between Channels 0.2Ω (max)
♦ Guaranteed Flatness Over Signal Range
   1Ω (max) with +5V Supply
♦ Fast Switching Speeds
   14ns (max) Turn-On Time
   6ns (max) Turn-Off Time
♦ 1.8V Operation
   100Ω (typ) On-Resistance Over Temperature
   56ns (typ) Turn-On Time
   17ns (typ) Turn-Off Time
♦ +1.8V to +5.5V Single-Supply Operation
♦ Rail-to-Rail® Signal Handling
♦ Low Crosstalk: -67dB at 1MHz
♦ High Off-Isolation: -65dB at 1MHz
♦ THD: 0.1%

Applications
   Battery-Powered Equipment
   Relay Replacement
   Audio and Video Signal Routing
   Low-Voltage Data-Acquisition Systems
   Sample-and-Hold Circuits
   Communications Circuits




Similar Part No. - MAX4635

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MAX4635 CIRRUS-MAX4635 Datasheet
339Kb / 10P
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
More results


Similar Description - MAX4635

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
03-Apr-17
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
0.3 Ω, Low Voltage Dual SPDT Analog Switches
30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com