Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4635EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4635EUB
Description  Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4635EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4635EUB Datasheet HTML 1Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 2Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 3Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 4Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 5Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 6Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 7Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 8Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Fast, Low-Voltage, Dual 4
Ω SPDT
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 9)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+, IN_ .....................................................................-0.3V to +6V
COM_, NC_, NO_ (Note 1) .......................... -0.3V to (V+ + 0.3V)
Continuous Current into Any Terminal .............................±30mA
Peak Current into COM_, NC_, NO_
(pulsed at 1ms, 10% duty cycle).................................±100mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 4.7mW/°C above +70°C) ............330mW
10-Pin Thin QFN (derate 24.4mW/°C above +70°C) ..1951mW
Operating Temperature Range .......................... -40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°C
Note 1: Signals on NO_, NC_, or COM_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
TA = +25°C
2.5
4
On-Resistance
RON
V+ = 4.5V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to TMAX
4.5
Ω
TA = +25°C
0.1
0.2
On-Resistance Match
Between Channels (Notes 3, 4)
∆RON
V+ = 4.5V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to TMAX
0.4
Ω
TA = +25°C
0.5
1
On-Resistance Flatness
(Note 5)
RFLAT(ON)
V+ = 4.5V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to TMAX
1.2
Ω
TA = +25°C-0.1
±0.01
0.1
NO_, NC_ Off-Leakage Current
(Note 6)
INC_(OFF),
INO_(OFF)
V+ = 5.5V; VCOM_ = 1V,
4.5V; VNO_ or VNC_ = 4.5V,
1V
TA = TMIN to TMAX
-0.3
0.3
nA
TA = +25°C-0.1
±0.01
0.1
COM_ Off-Leakage Current
(Note 6)
ICOM_(OFF)
V+ = 5.5V; VCOM_ = 1V,
4.5V; VNO_ or VNC_ = 4.5V,
1V
TA = TMIN to TMAX
-0.3
0.3
nA
TA = +25°C-0.1
±0.01
0.1
COM_ On-Leakage Current
(Note 6)
ICOM_(ON)
V+ = 5.5V; VCOM_ = 4.5V,
1V; VNO_ or VNC_ = 4.5V,
1V or floating
TA = TMIN to TMAX
-0.3
0.3
nA
DIGITAL I/O (IN1, IN2)
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Leakage Current
IIH, IIL
VIN_ = 0 or +5.5V
-100
5
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com