Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4635EUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4635EUB
Description  Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4635EUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4635EUB Datasheet HTML 1Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 2Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 3Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 4Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 5Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 6Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 7Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 8Page - Maxim Integrated Products MAX4635EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX4635/MAX4636 are fast, dual 4
Ω single-
pole/double-throw (SPDT) analog switches that operate
with supply voltages from +1.8V to +5.5V. High switch-
ing speeds, 1
Ω on-resistance flatness, and low power
consumption make these devices ideal for audio/video,
communications, and battery-operated devices.
Containing two independently controllable SPDT
switches in 10-pin µMAX and 10-pin 3mm x 3mm thin
QFN packages, the MAX4635/MAX4636 use little board
space, and have low power consumption ensuring min-
imal impact on your power budget. The analog signal
range extends to the supply rails. The MAX4635 has
inverted logic compared to the MAX4636.
________________________Applications
Battery-Powered Equipment
Relay Replacement
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communications Circuits
Features
o Guaranteed On-Resistance
4
Ω (max) +5V Supply
5.5
Ω (max) +3V Supply
o Guaranteed Match Between Channels
0.2
Ω (max)
o Guaranteed Flatness Over Signal Range
1
Ω (max) with +5V Supply
o Fast Switching Speeds
14ns (max) Turn-On Time
6ns (max) Turn-Off Time
o 1.8V Operation
100
Ω (typ) On-Resistance Over Temperature
56ns (typ) Turn-On Time
17ns (typ) Turn-Off Time
o +1.8V to +5.5V Single-Supply Operation
o Rail-to-Rail® Signal Handling
o Low Crosstalk: -67dB at 1MHz
o High Off-Isolation: -65dB at 1MHz
o THD: 0.1%
Fast, Low-Voltage, Dual 4
Ω SPDT
CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
COM1
NO1
V+
NO2
NC2
GND
NC1
IN1
MAX4636
µMAX
TOP VIEW
COM2
IN2
1
2
3
4
5
10
9
8
7
6
COM1
NC1
V+
NC2
NO2
GND
NO1
IN1
MAX4635
µMAX
COM2
IN2
1
2
3
4
5
10
9
8
7
6
COM1
NO1
V+
NO2
NC2
GND
NC1
IN1
MAX4636
3 x 3 THIN QFN
COM2
IN2
1
2
3
4
5
10
9
8
7
6
COM1
NC1
V+
NC2
NO2
GND
NO1
IN1
MAX4635
3 x 3 THIN QFN
COM2
IN2
0
SWITCHES SHOWN FOR "0" INPUT
1
OFF
ON
ON
OFF
IN_
NO_ TO COM_ NC_ TO COM_
Pin Configuration/Functional Diagram/Truth Table
19-1709; Rev 2; 5/03
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4635EUB
-40°C to +85°C
10 µMAX
MAX4635ETB
-40°C to +85°C
10 Thin
QFN (3
3)
AAT
MAX4636EUB
-40°C to +85°C
10 µMAX
MAX4636ETB
-40°C to +85°C
10 Thin
QFN (3
3)
AAO
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4635EUB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MAX4635 CIRRUS-MAX4635 Datasheet
339Kb / 10P
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
More results

Similar Description - MAX4635EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729 Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
03-Apr-17
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
0.3 Ω, Low Voltage Dual SPDT Analog Switches
30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com