Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED60W-015 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED60W-015
Description  Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED60W-015 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED60W-015 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED60W-015 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED60W-015 Datasheet HTML 3Page - List of Unclassifed Manufacturers LED60W-015 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-60W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
Seepage3foradditionalspecifications.
-PD: PWM Dimmable version comes with an extra two wires +Purple/-Gray on the output
side. PD PWM version is PWM Dimmable via a positive 10% to 100% Duty Cycle,
200Hzto1KHz,0-10VPulse.Seepage4foradditionalspecifications.
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED60W-170-C0350-XX
350
56-170
59.5
92%
LED60W-134-C0450-XX
450
44-134
60
92%
LED60W-086-C0700-XX
700
28-86
60
92%
LED60W-058-C1050-XX
1050
19-58
60
91%
LED60W-048-C1250-XX
1250
16-48
60
91%
LED60W-043-C1400-XX
1400
14-43
60
91%
LED60W-036-C1670-XX
1670
12-36
60
91%
LED60W-027-C2300-XX
2300
9-27
60
90%
LED60W-024-C2500-XX
2500
8-24
60
90%
LED60W-022-C2720-XX
2720
7-22
59.8
89%
LED60W-020-C3000-XX
3000
7-20
60
89%
LED60W-018-C3330-XX
3330
6-18
59.9
88%
LED60W-015-C4000-XX
4000
5-15
60
87%
LED60W-012-C5000-XX
5000
4-12
60
87%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED60W-012
•
12
1250-5000
60
87%
LED60W-015
15
1000-4000
60
87%
LED60W-018
18
833-3300
59.9
88%
LED60W-020
20
750-3000
60
89%
LED60W-022
22
680-2720
59.8
89%
LED60W-024
•
24
625-2500
60
90%
LED60W-027
27
575-2300
60
90%
LED60W-036
36
418-1670
60
91%
LED60W-043
43
350-1400
60
91%
LED60W-048
48
313-1250
60
91%
LED60W-058
58
263-1050
60
91%
LED60W-086
86
175-700
60
92%
LED60W-134
134
113-450
60
92%
LED60W-170
170
88-350
59.5
92%
Class 2:
US/Canada
US Only
-XXindicatesdimmingoptionsareavailable.Seeoptionsatleft.Blank=fixedcurrentoutput
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<30.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.90 Amps max
Maximum Power:
60W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection reset by power cycling
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
418,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
E332160
Sign Components Manual
• Total Power: 60 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL8750, CSA 22.2, EN61347, EN61000-3-2,
EN61000-3-3 Class C
• UL Sign Components Manual (S.A.M. Models)
Rev 9-11-15
• IndicatesS.A.M.


Similar Part No. - LED60W-015

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED600-03 ROITHNER-LED600-03 Datasheet
505Kb / 3P
orange light emitting diode
logo
STMicroelectronics
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHR STMICROELECTRONICS-LED6000PHR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHTR STMICROELECTRONICS-LED6000PHTR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
PWM-dimmable single channel LED driver with integrated boost controlle
26-Jun-2014
More results

Similar Description - LED60W-015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
Switch Mode LED Drivers
TRC-150S035ST ETC2-TRC-150S035ST Datasheet
677Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com