Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SD3
Description  Universal Tri-Level dimming control modules for use with 0-10V dimmable LED Drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SD3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
0-10V
Dimmable
Driver
LED
Light
Engine
Black
Neutral
White
White
SW
SW
Wall Box
Black/White
Black/Red
Purple
Gray
Black
Purple
Gray
120-277V Line In
SD
Module
Single Phase
0-10V
Dimmable
Driver
LED
Light
Engine
Black
Neutral
Occupancy Sensor,
Fixture-mounted
(example: WASP2 from
Hubbell Building Automation )
White
White
Black
White
Red
Black/White
Black/Red
Purple
Gray
Black
Purple
Gray
120-277V Line In
SD
Module
Single Phase
0-10V
Dimmable
Driver
LED
Light
Engine
Black
Neutral
Occupancy Sensor,
Fixture-mounted
(example: WASP2 from
Hubbell Building Automation)
White
White
Black
White
Red
Black/Red
Black/White
Purple
Gray
Black
Purple
Gray
120-277V Line In
SD
Module
Single Phase
Standard Wiring:
Wiring with
Occupancy Sensor:
Wiring with
Occupancy Sensor:
Note:
Lead placement on wiring
diagram is optimized for clarity,
and not intended to reflect
actual lead exit locations on
SD case.
Example 1:
Driver output is 100% when
space is occupied, 50% with
no occupancy (SD3-25)
Driver output is 100% when
space is occupied, 66% with
no occupancy (SD3-33)
Example 2:
Driver output is 100% when
space is occupied, 25% with
no occupancy (SD3-25)
Driver output is 100% when
space is occupied, 33% with
no occupancy (SD3-33)
Wiring Diagrams
SD3 Step-Dimming Modules
Note:
Incoming power from branch must be on same phase. Do not use with multiple phases.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com