Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SD3
Description  Universal Tri-Level dimming control modules for use with 0-10V dimmable LED Drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SD3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
SD3 Step-Dimming Modules
Universal Tri-Level dimming control modules
for use with 0-10V dimmable LED Drivers
Two models: for 25-50-100 or 33-66-100 light output
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Max Pass Current:
1.0A @ 120Vac Input, 0.43A @ 277Vac Input
Max LED Driver Power:
100W
Max Insertion Loss:
<1.5W @ 100W LED Driver
Class 2 Control Output:
0-10V (Current Sinking only, 50mA max)
Warranty:
5 years
Environmental Specifications
Storage Temperature:
-40ºC to +85ºC
Max Case Temp:
75°C
Min Operating Temp:
-40ºC
Humidity:
5% to 95%
Lifetime:
1,000,000 Switching Cycles
Input Line Voltage Driver Output Current
Black/Red Black/White
SD3-25
SD3-33
On
On
100%
100%
On
Off
<50%
<66%
Off
On
<25%
<33%
Off
Off
0%
0%
DC
85
10.75
10.75
17.5
7
3.5
1.5
1.5
152
AC
Line (Black/White)
Line (Black/Red)
Neut (White)
AC Line Out (Black)
(+) Purple
(-) Gray
152
7.5
2 x Ø 3.5
8
6
9.5
Tc
Contact TRP for custom output variants!
E359020
For wiring diagrams, see next page
NOTES:
1. Compatibility with 0-10V dimmable drivers manufactured by companies other than Thomas Research
Products cannot be assured. Please contact your sales representative for a list of compatible drivers.
2. This device is designed to operate with standard wallbox switches only.
3. UL requires that these modules be installed within the luminaire enclosure.
The SD3 works with two standard wall switches to
provide quick switching between 3 levels of light
output from LED luminaires.
• Works with 0-10V dimmable LED drivers
• Eliminates need for expensive dimmer unit
• Works with occupancy sensors
• Class 2 Output
Rev 3-17-15


Similar Part No. - SD3

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SD3-0650-S003AB SMCDIODE-SD3-0650-S003AB Datasheet
195Kb / 3P
SiC Schottky Power Rectifier Chip
SD3-0650-S006AB SMCDIODE-SD3-0650-S006AB Datasheet
148Kb / 3P
SiC Schottky Power Rectifier Chip
SD3-0650-S008AB SMCDIODE-SD3-0650-S008AB Datasheet
194Kb / 3P
SiC Schottky Power Rectifier Chip
SD3-0650-S010AB SMCDIODE-SD3-0650-S010AB Datasheet
194Kb / 3P
SiC Schottky Power Rectifier Chip
SD3-0650-S015AB SMCDIODE-SD3-0650-S015AB Datasheet
194Kb / 3P
SiC Schottky Power Rectifier Chip
More results

Similar Description - SD3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2 ETC2-SD2 Datasheet
945Kb / 2P
Universal Bi-Level dimming control module for use with 0-10V dimmable LED Drivers
logo
Phihong USA Inc.
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
LinkCom Manufacturing C...
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
0-10V Dimmable
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
0-10V Dimmable
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
suitable for 1-10V dimmable LED drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com