Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4674EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4674EEE
Description  3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4674EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4674EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3V/5V, 4
Ω, Wideband Quad
2:1 Analog Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.) (Notes 2, 9)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+, A0, EN................................................................-0.3V to +6V
COM_, NO_, NC_ (Note1)...............................-0.3V to (V + 0.3V)
Continuous Current COM_, NO_, NC_ ..........................±100mA
Peak Current (COM_, NO_, NC_)
(pulsed at 1ms, 10% duty cycle) ..............................±300mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C) ........ 667mW
16-Pin TSSOP (derate 6.7mW/°C above +70°C) .......533mW
16-Pin Narrow SO (derate 8mW/°C above +70°C) ....640mW
16-Pin QFN (derate 18.5mW/°C above +70°C) ........1481mW
20-Pin QFN (derate 20mW/°C above +70°C) ...........1600mW
Operating Temperature Range
MAX4674E_E .................................................-40°C to +85°C
Die Temperature ..............................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Note 1: Signals on NO_, NC_, and COM_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to max-
imum current rating.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,VNO_,
VNC_
0V+
V
TA = +25°C
2.2
4
On-Resistance
RON
V+ = 4.5V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to
TMAX
5
Ω
TA = +25°C
0.15
0.4
On-Resistance Match Between
Channels (Notes 3, 8)
∆RON
V+ = 4.5V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to
TMAX
0.5
Ω
TA = +25°C
0.5
0.8
On-Resistance Flatness
(Note 4)
RFLAT (ON)
V+ = 4.5V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to
TMAX
1
Ω
TA = +25°C
0.5
±0.01
0.5
NO_, NC_ Off-Leakage
Current (Note 5)
INO_(OFF),
INC_(OFF)
V+ = 5.5V; VCOM_ = 1V,
4.5V; VNO_ or VNC_ = 4.5V,
1V
TA = TMIN to
TMAX
-1
1
nA
TA = +25°C
0.5
±0.01
0.5
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
V+ = 5.5V; VCOM_ = 1V,
4.5V; VNO_ or VNC_ = 4.5V,
1V
TA = TMIN to
TMAX
-1
1
nA
TA = +25°C
0.5
±0.01
0.5
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
V+ = 5.5V; VCOM_ = 1V,
4.5V; VNO_ or VNC_ = 1,
4.5V, or floating
TA = TMIN to
TMAX
-1
1
nA
DIGITAL I/O (A0, EN)
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Leakage Current
IIN
VIN = 0 or +5.5V
-0.5
1
0.5
µA
DYNAMIC
TA = +25°C
10
18
Turn-On Time (Note 5)
tON
VNO_ or VNC_ = 3V,
RL = 100
Ω, CL = 35pF,
Figure 2
TA = TMIN to
TMAX
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com