Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4674EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4674EEE
Description  3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4674EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4674EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3V/5V, 4
Ω, Wideband Quad
2:1 Analog Multiplexer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +4.5V to +5.5V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.) (Notes 2, 9)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.3V, VIH = 2.0V, VIL = 0.4V, TA =TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.) (Notes 2, 9)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C4
6
Turn-Off Time (Note 5)
tOFF
VNO_ or VNC_ = 3V,
RL = 100
Ω, CL = 35pF,
Figure 2
TA = TMIN to
TMAX
8
ns
TA = +25°C5
Break-Before-Make (Note 5)
tBBM
VNO_ or VNC_ = 3V,
RL = 100
Ω, CL = 35pF,
Figure 3
TA = TMIN to
TMAX
1
ns
Charge Injection
Q
VGEN = 4V, RGEN = 0, CL = 1.0nF, Figure 4
10
pC
f = 10MHz
-47
Off-Isolation (Note 6)
VISO
CL = 5pF, RL = 100
Ω,
f = 10MHz, Figure 5
f = 1MHz
-67
dB
f = 10MHz
-68
Crosstalk (Note 7)
VCT
CL = 5pF, RL = 100
Ω,
f = 10MHz, Figure 5
f = 1MHz
-114
dB
Total Harmonic Distortion
THD
RL = 600
Ω, f = 20Hz to 20kHz
0.015
%
NO_, NC_ Off-Capacitance
CNO_(OFF),
CNC_(OFF)
VNO_, VNC_ = GND, f = 1MHz, Figure 6
10
pF
COM_ Off-Capacitance
CCOM_(OFF)
VCOM_ = GND, f = 1MHz, Figure 6
20
pF
COM_ On-Capacitance
C(ON)
VCOM_ = VNO_, VNC_ = GND, f = 1MHz, Figure 6
30
pF
SUPPLY
Supply Range
V+
1.8
5.5
V
Positive Supply Current
I+
V+ = +5.5V, VIN = 0 or V+
0.001
1.0
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM, VNO,
VNC_
0V+
V
TA = +25°C4
6
On-Resistance
RON
V+ = 2.7V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to
TMAX
8
Ω
TA = +25°C
0.15
0.4
On-Resistance Match Between
Channels (Notes 3, 8)
∆RON
V+ = 2.7V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to
TMAX
0.5
Ω
TA = +25°C2
3
On-Resistance Flatness
(Note 4)
RFLAT(ON)
V+ = 2.7V, ICOM_ = 10mA,
VNO_ or VNC_ = 0 to V+
TA = TMIN to
TMAX
4
Ω
TA = +25°C
-0.5
±0.01
0.5
NO_, NC_ Off-Leakage
Current (Note 5)
INO_(OFF),
INC_(OFF)
V+ = 3.3V; VCOM_ = 1V, 3V;
VNO_ or VNC_ = 3V, 1V
TA = TMIN to
TMAX
-1
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com