Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M272 Datasheet(PDF) 3 Page - Solid State Optronic

Part # M272
Description  1 Form B (normally closed) SSR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M272 Datasheet(HTML) 3 Page - Solid State Optronic

  M272 Datasheet HTML 1Page - Solid State Optronic M272 Datasheet HTML 2Page - Solid State Optronic M272 Datasheet HTML 3Page - Solid State Optronic M272 Datasheet HTML 4Page - Solid State Optronic M272 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M272
1 Form B
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Turn-Off Tim e (ms)
M272
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
On-Resistance (ohms)
M272
0
10
20
30
40
0
0.020.030.040.050.060.070.08
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
M272
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
60
65
70
75
80
85
90
95
Blocking Voltage (V)
M272
0
50
100
150
Temperature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
M272
Maximum Load Current vs. Temperature
0
10
20
30
40
50
0.06 0.06 0.07 0.07 0.08 0.08 0.09 0.09
Turn-On Tim e (ms)
M272
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
M272
rev 1.42 (6/25/2009)
© 2009 Solid State Optronics • San José, CA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com