Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M272 Datasheet(PDF) 1 Page - Solid State Optronic

Part # M272
Description  1 Form B (normally closed) SSR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M272 Datasheet(HTML) 1 Page - Solid State Optronic

  M272 Datasheet HTML 1Page - Solid State Optronic M272 Datasheet HTML 2Page - Solid State Optronic M272 Datasheet HTML 3Page - Solid State Optronic M272 Datasheet HTML 4Page - Solid State Optronic M272 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M272
1 Form B
Solid State Relay
The M272 is a bi-directional, single-pole, single-throw, normally closed multipurpose solid-state relay in a miniature 4-pin small outline
package. It is designed to be a cost-effective replacement of reed relays in low voltage applications. The relay consists of an integrated
circuit that drives two rugged source-to-source depletion type DMOS transistors - optically coupled to a light emitting diode. The output
MOS transistors are protected with free-wheeling diodes that can handle up to 1.5A of inrush current, making the relay ideal for switching
lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
1 Form B (normally closed) SSR
•
Low input control power consumption (1.5mA TYP)
•
High Load Current Rating (125mA)
•
Low on-resistance (3 ohms MAX)
•
Ultra miniature 4-pin small outline package
•
High input-to-output isolation (1500Vrms MIN)
•
Long life/high reliability
•
Telecom switching
•
Tip/Ring control
•
Medical equipment
•
Battery monitoring
•
Home/Safety security systems
•
Meter reading systems
•
Tape and Reel packing option (2,000 pcs / re
el)
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Forward
Current
mA
50
Peak Forward Current
(1us)
A
1
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
400
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL/C-UL Approved: File # E201932
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
M272
rev 1.42 (6/25/2009)
© 2009 Solid State Optronics • San José, CA


Similar Part No. - M272

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
M272 SOLIDSTATE-M272 Datasheet
179Kb / 5P
1 Form B (normally closed) SSR
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
256K(32K x 8) UV ERASABLE PROM
logo
STMicroelectronics
M27256-1F1 STMICROELECTRONICS-M27256-1F1 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M27256-1F1 STMICROELECTRONICS-M27256-1F1 Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
More results

Similar Description - M272

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3106 TOSHIBA-TLP3106 Datasheet
193Kb / 9P
Normally opened (1-Form-A)
TLP3107 TOSHIBA-TLP3107 Datasheet
205Kb / 9P
Normally off (1-Form-A)
TLP3303 TOSHIBA-TLP3303 Datasheet
174Kb / 7P
Normally off (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
Normally open (1-Form-A)
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
Normally open (1-Form-A)
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
Normally open (1-Form-A)
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
Normally open (1-Form-A)
TLP222D TOSHIBA-TLP222D Datasheet
218Kb / 8P
Normally opened (1-Form-A)
TLP3546 TOSHIBA-TLP3546 Datasheet
172Kb / 9P
Normally off (1-Form-A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com