Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAT470 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SAT470
Description  Ultra miniature 4 pin SSOP package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT470 Datasheet(HTML) 1 Page - Solid State Optronic

  SAT470 Datasheet HTML 1Page - Solid State Optronic SAT470 Datasheet HTML 2Page - Solid State Optronic SAT470 Datasheet HTML 3Page - Solid State Optronic SAT470 Datasheet HTML 4Page - Solid State Optronic SAT470 Datasheet HTML 5Page - Solid State Optronic SAT470 Datasheet HTML 6Page - Solid State Optronic SAT470 Datasheet HTML 7Page - Solid State Optronic SAT470 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SAT470 /TR
Rev 2.11 (11/30/2012)
001539
Page 1 of 8
SAT470
AC Input
80V
Photo-Transistor Optocoupler
Description
The SAT470 consists of a phototransistor optically coupled
to two light emitting diodes. Optical coupling between the
input IR LEDs and output phototransistor allows for high
isolation levels while maintaining low-level AC or DC signal
control capability.
The SAT470 provides an optically
isolated method of controlling many interface applications
such as telecommunications, industrial control and
instrumentation circuitry.
The SAT470 comes standard in an ultra-miniature 4 pin
SSOP package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Office Automation Equipment
System Appliances, Measuring Instruments
Computer Terminals, PLCs
Telecom / Datacom
Home Appliances
Digital Logic Inputs
Fax / Modems
Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature ………………………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation ……………..…………………40mW
Total Power Dissipation ………………….…………..200mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SAT470
4 pin SSOP, (170/Tube)
SAT470-TR
4 pin SSOP, Tape and Reel (3000/Reel)
Features
Ultra miniature 4 pin SSOP package
Low input power consumption
High stability
CTR Range 20 – 400%
High Isolation Voltage (3750VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
4
(+/-) Input
(-/+) Input
Emitter
Collector
SAT470


Similar Part No. - SAT470

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT400 SSOUSA-SAT400 Datasheet
599Kb / 5P
AC Input Optocoupler
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
Small 4 pin DIP/SMD package
SAT450 SSOUSA-SAT450 Datasheet
399Kb / 4P
AC Input Optocoupler
SAT450 SSOUSA-SAT450_15 Datasheet
378Kb / 8P
Ultra Minature 4-Pin Small Outline Package
More results

Similar Description - SAT470

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
453Kb / 12P
4 PIN ULTRA SMALL SSOP
logo
Solid State Optronic
M221 SSOUSA-M221_15 Datasheet
189Kb / 5P
Ultra miniature 4-pin small outline package
TDM3282 SSOUSA-TDM3282 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3283 SSOUSA-TDM3283 Datasheet
343Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3043 SSOUSA-TDM3043 Datasheet
385Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3083 SSOUSA-TDM3083 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com