Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAT470 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SAT470
Description  Ultra miniature 4 pin SSOP package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT470 Datasheet(HTML) 2 Page - Solid State Optronic

  SAT470 Datasheet HTML 1Page - Solid State Optronic SAT470 Datasheet HTML 2Page - Solid State Optronic SAT470 Datasheet HTML 3Page - Solid State Optronic SAT470 Datasheet HTML 4Page - Solid State Optronic SAT470 Datasheet HTML 5Page - Solid State Optronic SAT470 Datasheet HTML 6Page - Solid State Optronic SAT470 Datasheet HTML 7Page - Solid State Optronic SAT470 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
SAT470 /TR
Rev 2.11 (11/30/2012)
001539
SAT470
AC Input
80V
Photo-Transistor Optocoupler
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.4
V
IF = ±20mA
Terminal Capacitance
Ct
-
60
250
pF
V=0, f=1KHz
Output Specifications
Collector-Emitter Voltage
VCEO
80
-
-
V
IC=100A
Emitter-Collector Voltage
VCOE
7
-
-
V
IE=10A
Collector Dark Current
ICEO
-
-
100
nA
VCE=50V, IF=0mA
Floating Capacitance
Cf
-
0.8
1.0
pF
V=0, f=1MHz
Cut-Off Frequency
fC
-
80
-
kHz
VCE=2V, IC=20mA, RL=100-3dB
Saturation Voltage
VCE(sat)
-
0.1
0.4
V
IF=±20mA, IC=1mA
Coupled Specifications
Rise Time
TR
-
3
-
S
IC=±2mA, VCC=2V, RL=100
Fall Time
TF
-
4
-
S
IC=±2mA, VCC=2V, RL=100
Current Transfer Ratio
CTR
20
-
400
%
IF=±1mA, VCE=5V
(-A Binning)
CTR
50
-
250
%
IF=±1mA, VCE=5V
Isolation Specifications
Isolation Voltage
VISO
3,750
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Test Circuit: Response Time
Electrical Characteristics, TA = 25°C (unless otherwise specified)
Test Circuit: Frequency Response



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com