Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX497C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX497C/D
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX497C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX497C/D Datasheet HTML 4Page - Maxim Integrated Products MAX497C/D Datasheet HTML 5Page - Maxim Integrated Products MAX497C/D Datasheet HTML 6Page - Maxim Integrated Products MAX497C/D Datasheet HTML 7Page - Maxim Integrated Products MAX497C/D Datasheet HTML 8Page - Maxim Integrated Products MAX497C/D Datasheet HTML 9Page - Maxim Integrated Products MAX497C/D Datasheet HTML 10Page - Maxim Integrated Products MAX497C/D Datasheet HTML 11Page - Maxim Integrated Products MAX497C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
_______________Detailed Description
The MAX496/MAX497 are quad, high-speed, closed-loop
voltage-feedback video amplifiers with fixed gain settings
of +1 and +2, respectively (Figure 1). These amplifiers
use a unique two-stage voltage-feedback architecture
that combines the benefits of conventional voltage-feed-
back and current-mode-feedback topologies. They
achieve wide bandwidths and high slew rates while main-
taining precision. A resistively loaded first stage provides
low input-referred noise even with low supply currents of
8mA per amplifier. The above features, along with the
ability to drive 50
Ω or 75Ω back-terminated cables to
±2.8V and low differential phase and gain errors, make
these amplifiers ideal for the most demanding component
and composite video applications.
__________Applications Information
The feedback elements of the MAX496/MAX497 are
included internally in the device to set the closed-loop
gain to AV = +1 and AV = +2, respectively. Closing the
loop internally on the chip minimizes problems associ-
ated with the board and package parasitics influencing
the amplifier’s frequency response.
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
8
_______________________________________________________________________________________
_____________________Pin Description
Channel 2 Output
OUT2
12
Channel 3 Input
IN3
8
Positive Power Supply. Connect to +5V.
VCC pins are internally connected.
Connect both pins to +5V externally to
minimize the supply impedance.
VCC
9, 15
Channel 3 Output
OUT3
10
Negative power supply. Connect to -5V.
VEE pins are internally connected.
Connect both pins to -5V externally to
minimize the supply impedance.
VEE
11, 13
Channel 2 Input
IN2
6
Channel 0 Input
IN0
2
PIN
Ground. All ground pins are internally
connected. Connect all ground pins
externally to minimize the ground
impedance.
GND
1, 3,
5, 7
FUNCTION
NAME
14
OUT1
Channel 1 Output
16
OUT0
Channel 0 Output
Figure 1. Typical Operating Circuit
MAX496*
MAX497*
OUT0
2
RED
GREEN
BLUE
SYNC
15
9
GND
4
6
8
16
IN0
0.10
µF
0.10
µF
10
µF
10
µF
0.10
µF
+5V
-5V
VCC
VEE
*AV = +1 (MAX496)
*AV = +2 (MAX497)
AV = *
AV = *
IN1
IN2
IN3
7
5
3
75
Ω
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω
75
Ω
75
Ω
AV = *
OUT1
14
75
Ω
75
Ω
75
Ω
75
Ω
OUT2
12
75
Ω
75
Ω
75
Ω
75
Ω
OUT3
10
75
Ω
75
Ω
75
Ω
75
Ω
13
11
0.10
µF
Channel 1 Input
IN1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com