Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX497C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX497C/D
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX497C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX497C/D Datasheet HTML 4Page - Maxim Integrated Products MAX497C/D Datasheet HTML 5Page - Maxim Integrated Products MAX497C/D Datasheet HTML 6Page - Maxim Integrated Products MAX497C/D Datasheet HTML 7Page - Maxim Integrated Products MAX497C/D Datasheet HTML 8Page - Maxim Integrated Products MAX497C/D Datasheet HTML 9Page - Maxim Integrated Products MAX497C/D Datasheet HTML 10Page - Maxim Integrated Products MAX497C/D Datasheet HTML 11Page - Maxim Integrated Products MAX497C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Power Dissipation
The maximum output current of the MAX496/MAX497 is
limited by the packages maximum allowable power dis-
sipation. The maximum junction temperature should not
exceed +150°C. The power dissipation increases with
load, and this increase can be approximated by the fol-
lowing:
For VOUT > 0V:
|VCC - VOUT| ILOAD
OR
For VOUT < 0V:
|VEE - VOUT| ILOAD.
These devices can drive 100
Ω loads connected to
each of the outputs over the entire rated output swing
and temperature range. When driving 50
Ω loads with
each of the four outputs simultaneously, the output
swing must be limited to ±1.25V at TA = +70°C. While
the output is short-circuit protected to 170mA, this does
not necessarily guarantee that, under all conditions, the
maximum junction temperature will not be exceeded.
Do not exceed the derating values given in the
absolute maximum ratings.
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
_______________________________________________________________________________________
9
75
Ω CABLE
75
Ω CABLE
75
Ω CABLE
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω CABLE
75
Ω
75
Ω
150
Ω
SOURCE:
TEKTRONIX
1910 DIGITAL GENERATOR
MEASUREMENT:
TEKTRONIX VM700
VIDEO MEASUREMENT
SET
MAX497
MAX496
DUT
DUT
a)
b)
Figure 2. Differential Phase and Gain Error Test Circuits: a) MAX497, Gain of +2 Amplifier; b) MAX496 Unity-Gain Amplifier
MAX496/MAX497
75
Ω
OUT1
OUT2
OUT3
OUT4
75
Ω
IN0
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
Figure 3. One-to-Four Distribution Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com