Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 1 Page - Texas Instruments

  LP2951 Datasheet HTML 1Page - Texas Instruments LP2951 Datasheet HTML 2Page - Texas Instruments LP2951 Datasheet HTML 3Page - Texas Instruments LP2951 Datasheet HTML 4Page - Texas Instruments LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
0
50
100
150
200
250
300
350
400
450
500
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
RL = 100 µA
RL = 100 m A
IL
I
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP2950, LP2951
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
LP295x Adjustable Micropower Voltage Regulators with Shutdown
1 Features
2 Applications
1
Wide Input Range: Up to 30 V
Applications with High-Voltage Input
Rated Output Current of 100 mA
Power Supplies
Low Dropout: 380 mV (Typ) at 100 mA
3 Description
Low Quiescent Current: 75
μA (Typ)
The LP2950 and LP2951 devices are bipolar, low-
Tight Line Regulation: 0.03% (Typ)
dropout voltage regulators that can accommodate a
Tight Load Regulation: 0.04% (Typ)
wide input supply-voltage range of up to 30 V. The
easy-to-use, 3-pin LP2950 is available in fixed-output
High VO Accuracy
voltages of 5 V, 3.3 V, and 3 V. However, the 8-pin
1.4% at 25°C
LP2951 is able to output either a fixed or adjustable
2% Over Temperature
output from the same device. By tying the OUTPUT
Can Be Used as a Regulator or Reference
and SENSE pins together, and the FEEDBACK and
VTAP pins together, the LP2951 outputs a fixed 5 V,
Stable With Low ESR (>12 m
Ω) Capacitors
3.3
V,
or
3
V
(depending
on
the
version).
Current- and Thermal-Limiting Features
Alternatively, by leaving the SENSE and VTAP pins
LP2950 Only (3-Pin Package)
open and connecting FEEDBACK to an external
resistor divider, the output can be set to any value
Fixed-Output Voltages of 5 V, 3.3 V, and 3 V
between 1.235 V to 30 V.
LP2951 Only (8-Pin Package)
Fixed- or Adjustable-Output Voltages:
Device Information(1)
5 V/ADJ, 3.3 V/ADJ, and 3 V/ADJ
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Low-Voltage Error Signal on Falling Output
LP2950
TO-92 (3)
4.83 mm x 4.83 mm
Shutdown Capability
SOIC (8)
4.90 mm x 3.90 mm
LP2951
Remote Sense Capability for Optimal Output
SON (8)
3.00 mm x 3.00 mm
Regulation and Accuracy
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Dropout Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950-50 TI-LP2950-50_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951 TI-LP2951_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-30 TI-LP2951-30_15 Datasheet
3Mb / 32P
LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com