Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments LP2951 Datasheet HTML 10Page - Texas Instruments LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments LP2951 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VOL – Output Low Voltage – V
T = 125
A
T = 25
A
T = –40
A
Input Voltage
2 V/div
Output Voltage
80 mV/div
-20
-15
-10
-5
0
5
10
15
20
25
30
-55
-30
-5
20
45
70
95
120 145
TA – Temperature – °C
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
VIN – Input Voltage – V
50-k
resistorto
external5-Vsupply
W
50-k
resistor
toV
W
OUT
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
0
50
100
150
200
250
300
350
400
0.0001
0.001
0.01
0.1
IO – Output Current – A
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
Figure 13. Dropout Voltage vs Dropout Current
Figure 14. LP2951 Minimum Operating Voltage vs
Temperature
Figure 16. LP2951 ERROR Comparator Output vs
Figure 15. LP2951 FEEDBACK Bias Current vs Temperature
Input Voltage
Figure 18. Line Transient Response vs Time
Figure 17. LP2951 ERROR Comparator Sink Current vs
Output Low Voltage
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com