Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP655R-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBLP655R-R
Description  LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP655R-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBLP655R-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
QBLP655R_series
1205 LED
Product: QBLP655R_series
Date: January 13, 2012
Page 2 of 10
Version# 1.0
Electrical / Optical Characteristic (T=25 oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP655R-IB
Blue
20
3.1
3.7
465
470
475
32
60
QBLP655R-IG
True Green
20
3.1
3.7
515
520
525
200
330
QBLP655R-IW
White
20
3.1
3.7
-
X=0.29
Y=0.28
-
100
180
QBLP655R-R
Red
20
2.0
2.4
615
625
630
63
100
QBLP655R-AG
Yellow Green
20
2.0
2.5
565
570
576
16
25
QBLP655R-Y
Yellow
20
2.0
2.5
585
590
595
40
65
QBLP655R-O
Orange
20
2.0
2.5
600
605
610
63
100
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IB/IG/IW )
120
30
125
5
-40 ~ +85 -40 ~ +100
260
AlInGaP
(R/AG/Y/O)
75
30
125
5
-40 ~ +85 -40 ~ +100
260
*Duty 1/10 @ 10KHz
** IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF For AlInGaP @IF=20mA
Bin
Min.
Max.
Unit
□
1.7
2.5
V
Forward Voltage VF For InGaN @IF=20mA
Bin
Min.
Max.
Unit
f
2.8
3.1
V
g
3.1
3.4
h
3.4
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com