Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP655R-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP655R-R
Description  LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP655R-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP655R-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP655R-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
QBLP655R_series
1205 LED
Product: QBLP655R_series
Date: January 13, 2012
Page 4 of 10
Version# 1.0
Dominant Wavelength λ
D For Yellow Green @IF=20mA
Bin
Min.
Max.
Unit
h
565
568
nm
i
568
572
j
572
576
Dominant Wavelength λ
D For Yellow @IF=20mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D For Orange @IF=20mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610
Chromaticity Coordinates For White @IF=20mA
Rank
Chromaticity coordinates
C1
X
0.2500
0.2700
0.2700
0.2500
Y
0.2500
0.2775
0.2325
0.2050
C2
X
0.2700
0.2900
0.2900
0.2700
Y
0.2775
0.3050
0.2600
0.2325
D1
X
0.2900
0.3100
0.3100
0.2900
Y
0.3050
0.3325
0.2875
0.2600
D2
X
0.3100
0.3300
0.3300
0.3100
Y
0.3325
0.3600
0.3150
0.2875



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com