Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP670-R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QBLP670-R
Description  PLCC2 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP670-R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QBLP670-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
QBLP670_series
PLCC2 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670_series
Date: February 09, 2015
Page 11 of 12
Version# 3.2
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP670-IB
QBLP670-IB
Iv=210mcd typ. @ 20mA/
λD=465nm to 475nm
2,000 units
QBLP670-IG
QBLP670-IG
Iv=900mcd typ. @ 20mA/
λD =520nm to 530nm
2,000 units
QBLP670-UV
QBLP670-UV
Iv=125mcd typ. @ 20mA/
λP=400nm to 410nm
2,000 units
QBLP670-R
QBLP670-R
Iv=230mcd typ. @ 20mA/
λD=615nm to 630nm
2,000 units
QBLP670-AG
QBLP670-AG
Iv=80mcd typ. @ 20mA/
λD= 565nm to 576nm
2,000 units
QBLP670-Y
QBLP670-Y
Iv=210mcd typ. @ 20mA/
λD=585nm to 595nm
2,000 units
QBLP670-O
QBLP670-O
Iv=240mcd typ. @ 20mA/
λD= 600nm to 612nm
2,000 units
QBLP670-S
QBLP670-S
Iv=80mcd typ. @ 20mA/
λD=630nm to 650nm
2,000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com