Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP670-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP670-R
Description  PLCC2 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP670-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QBLP670-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP670-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
QBLP670_series
PLCC2 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670_series
Date: February 09, 2015
Page 6 of 12
Version# 3.2
Peak
Wavelength λ
P for UV @ IF=20mA
Bin
Min.
Max.
Unit
G
400
405
nm
H
405
410
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
F
40
50
mcd
G
50
63
H
63
80
I
80
100
J
100
125
K
125
160
L
160
200
M
200
250
N
250
320
O
320
400
P
400
500
Q
500
630
R
630
800
S
800
1000
T
1000
1250
U
1250
1600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com