Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP679-RK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QBLP679-RK
Description  PLCC6 LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP679-RK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QBLP679-RK Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
QBLP679-RK (High Bright)
PLCC6 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP679-RK (High Bright)
Date: March 19, 2014
Page 3 of 9
Version# 2.0
Introduction
Feature:
 Package in tape and reel
 Ultra bright PLCC6
 High Bright
 120 degree viewing angle
Description:
This PLCC6 LEDs have a height profile of 1.60mm.
Combination of high brightness output and robust
package, this LED is ideal for architecture lighting,
status indication, and general application.
Application:
 Status indication
 Industrial equipment backlighting
 Architecture lighting
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.2mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com