Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP679-RK Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP679-RK
Description  PLCC6 LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP679-RK Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP679-RK Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
QBLP679-RK (High Bright)
PLCC6 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP679-RK (High Bright)
Date: March 19, 2014
Page 4 of 9
Version# 2.0
Electrical / Optical Characteristic (Ta=25
oC)
Product
Color
IF (mA)*
VF (V)
λD (nm)
IV (mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP679-RK (High
Bright)
Red
60
2.0
2.5
620
625
635
1000
1800
*Total forward current for three dies
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)** ESD (V)
AlInGaP
216
90
125
5
-40 ~ +80 -40 ~ +85
260
HBM 8000
*Duty 1/8 @ 1KHz
**IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF @ IF=60mA
Bin
Min.
Max.
Unit
□
1.7
2.5
V
Dominant Wavelength λ
D @ IF=60mA
Bin
Min.
Max.
Unit
C
620
625
nm
D
625
630
E
630
635
Luminous Intensity IV for Red @ IF=60mA
Bin
Min.
Max.
Unit
15
1000
1300
mcd
16
1300
1700
17
1700
2200
Note:
Tolerance of measurement of forward voltage: ±0.05V
Tolerance of measurement of luminous intensity: ±15%
Tolerance of measurement of dominant wavelength: ±1nm
All parameters are measured by QT-Brigthek instrument



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com