Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX509 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX509
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX509 Datasheet HTML 12Page - Maxim Integrated Products MAX509 Datasheet HTML 13Page - Maxim Integrated Products MAX509 Datasheet HTML 14Page - Maxim Integrated Products MAX509 Datasheet HTML 15Page - Maxim Integrated Products MAX509 Datasheet HTML 16Page - Maxim Integrated Products MAX509 Datasheet HTML 17Page - Maxim Integrated Products MAX509 Datasheet HTML 18Page - Maxim Integrated Products MAX509 Datasheet HTML 19Page - Maxim Integrated Products MAX509 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
20 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
___________________Chip Topography
_Ordering Information (continued)
PART
TEMP. RANGE
PIN-PACKAGE
MAX509AEPP
-40°C to +85°C
20 Plastic DIP
MAX509BEPP
-40°C to +85°C
20 Plastic DIP
MAX509AEWP
-40°C to +85°C
20 Wide SO
±1
±1 1/2
±1
MAX509BEWP
-40°C to +85°C
20 Wide SO
±1 1/2
MAX509AEAP
-40°C to +85°C
20 SSOP
±1
MAX509BEAP
-40°C to +85°C
20 SSOP
±1 1/2
MAX509AMJP
-55°C to +125°C
20 CERDIP**
±1
MAX509BMJP
-55°C to +125°C
20 CERDIP**
±1 1/2
MAX510ACPE
16 Plastic DIP
±1
MAX510BCPE
0°C to +70°C
16 Plastic DIP
±1 1/2
MAX510ACWE
0°C to +70°C
16 Wide SO
±1
MAX510BCWE
0°C to +70°C
16 Wide SO
±1 1/2
MAX510AEPE
-40°C to +85°C
16 Plastic DIP
±1
MAX510BEPE
-40°C to +85°C
16 Plastic DIP
±1 1/2
MAX510AEWE
-40°C to +85°C
16 Wide SO
±1
MAX510BEWE
-40°C to +85°C
16 Wide SO
±1 1/2
0°C to +70°C
MAX510AMJE
-55°C to +125°C
16 CERDIP**
±1
MAX510BMJE
-55°C to +125°C
16 CERDIP**
±1 1/2
**Contact factory for availability and processing to MIL-STD-883.
________________________________________________________Package Information
L
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.068
0.002
0.010
0.005
0.278
0.205
0.301
0.022
0˚
MAX
0.078
0.008
0.015
0.009
0.289
0.212
0.311
0.037
8˚
MIN
1.73
0.05
0.25
0.13
7.07
5.20
7.65
0.55
0˚
MAX
1.99
0.21
0.38
0.22
7.33
5.38
7.90
0.95
8˚
INCHES
MILLIMETERS
α
20-PIN PLASTIC
SHRINK
SMALL-OUTLINE
PACKAGE
H
E
D
A
A1
C
0.127mm
0.004in.
B
0.65 BSC
0.0256 BSC
21-0003A
e
REFC
(REFCD)
SCLK
CS
REFB
(REFAB)
AGND
VSS
OUTC
OUTD
VDD
CLR
DOUT
LDAC
0.121"
(3.07mm)
0.128"
(3.25mm)
DGND
REFA
(REFAB)
DIN
REFD
(REFCD)
OUTA
OUTB
MAX509/MAX510
NOTE: LABELS IN ( ) ARE FOR MAX510 ONLY.
TRANSISTOR COUNT: 2235;
SUBSTRATE CONNECTED TO VDD.
TUE
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com