Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX509 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX509
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX509 Datasheet HTML 3Page - Maxim Integrated Products MAX509 Datasheet HTML 4Page - Maxim Integrated Products MAX509 Datasheet HTML 5Page - Maxim Integrated Products MAX509 Datasheet HTML 6Page - Maxim Integrated Products MAX509 Datasheet HTML 7Page - Maxim Integrated Products MAX509 Datasheet HTML 8Page - Maxim Integrated Products MAX509 Datasheet HTML 9Page - Maxim Integrated Products MAX509 Datasheet HTML 10Page - Maxim Integrated Products MAX509 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
7
5V
100mV
1µS
A = DIGITAL INPUT, 5V/div
B = OUT_ , 2V/div
TIMEBASE = 1
µs/div
VDD = +5V
REF_ = +4V
ALL BITS OFF TO ALL BITS ON
RL = 10kΩ, CL = 100pF
POSITIVE SETTLING TIME
(VSS = AGND OR -5V)
A
B
5V
100mV
1µS
A = DIGITAL INPUT, 5V/div
B = OUT_ , 2V/div
TIMEBASE = 1
µs/div
VDD = +5V
REF_ = +4V
ALL BITS ON TO ALL BITS OFF
RL = 10kΩ, CL = 100pF
NEGATIVE SETTLING TIME
(VSS = AGND)
A
B
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
A = SCLK, 333kHz
B = OUT_, 10mV/div
TIMEBASE = 2
µs/div
CLOCK FEEDTHROUGH
A
B
5V
100mV
1µS
A = DIGITAL INPUT, 5V/div
B = OUT_ , 2V/div
TIMEBASE = 1
µs/div
VDD = +5V
REF_ = +4V
ALL BITS ON TO ALL BITS OFF
RL = 10kΩ, CL = 100pF
NEGATIVE SETTLING TIME
(VSS = -5V)
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com