Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831724I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS831724I
Description  LVCMOS interface levels for all control inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831724I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS831724I Datasheet HTML 1Page - Integrated Device Technology ICS831724I Datasheet HTML 2Page - Integrated Device Technology ICS831724I Datasheet HTML 3Page - Integrated Device Technology ICS831724I Datasheet HTML 4Page - Integrated Device Technology ICS831724I Datasheet HTML 5Page - Integrated Device Technology ICS831724I Datasheet HTML 6Page - Integrated Device Technology ICS831724I Datasheet HTML 7Page - Integrated Device Technology ICS831724I Datasheet HTML 8Page - Integrated Device Technology ICS831724I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ICS831724AKI REVISION A MAY 16, 2013
2
©2013 Integrated Device Technology, Inc
ICS831724I Data Sheet
DIFFERENTIAL CLOCK DATA MULTIPLEXER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 8, 9, 15,
26, 32
VDD
Power
Positive power supply pins.
2
nOED
Input
Pullup
Output enable for the QD output. See Table 3D for function.
LVCMOS/LVTTL interface levels.
3
CLK0
Input
Pulldown
Non-inverting clock/data input 0.
4
nCLK0
Input
Pulldown/Pullup
Inverting differential clock input 0. VDD/2 default when left floating.
5
CLK1
Input
Pulldown
Non-inverting clock/data input 1.
6
nCLK1
Input
Pulldown/Pullup
Inverting differential clock input 1. VDD/2 default when left floating.
7
nOEA
Input
Pullup
Output enable for the QA output. See Table 3A for function.
LVCMOS/LVTTL interface levels.
10, 11
QA, nQA
Output
Differential output pair A. HCSL interface levels.
12, 29
GND
Power
Power supply ground.
13, 14
QB, nQB
Output
Differential output pair B. HCSL interface levels.
16
nOEB
Input
Pullup
Output enable for the QB output. See Table 3B for function.
LVCMOS/LVTTL interface levels.
17, 19, 20,
21, 22, 24
nc
Unused
No connect pins.
18
SEL
Input
Pulldown
Input select. See Table 3E for function.
LVCMOS/LVTTL interface levels.
23
nOEC
Input
Pullup
Output enable for the QC output. See Table 3C for function.
LVCMOS/LVTTL interface levels.
25
IREF
Input
An external fixed precision resistor (475
) from this pin to ground
provides a reference current used for the differential current-mode QX,
nQX outputs.
27, 28
QC, nQC
Output
Differential output pair C. HCSL interface levels.
30, 31
QD, nQD
Output
Differential output pair D. HCSL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com