Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831724I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS831724I
Description  LVCMOS interface levels for all control inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831724I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS831724I Datasheet HTML 6Page - Integrated Device Technology ICS831724I Datasheet HTML 7Page - Integrated Device Technology ICS831724I Datasheet HTML 8Page - Integrated Device Technology ICS831724I Datasheet HTML 9Page - Integrated Device Technology ICS831724I Datasheet HTML 10Page - Integrated Device Technology ICS831724I Datasheet HTML 11Page - Integrated Device Technology ICS831724I Datasheet HTML 12Page - Integrated Device Technology ICS831724I Datasheet HTML 13Page - Integrated Device Technology ICS831724I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ICS831724AKI REVISION A MAY 16, 2013
10
©2013 Integrated Device Technology, Inc
ICS831724I Data Sheet
DIFFERENTIAL CLOCK DATA MULTIPLEXER
Parameter Measurement Information, continued
Input Skew
Differential Measurement Points for Duty Cycle/Period
Single-ended Measurement Points for Delta Cross Point
Differential Measurement Points for Rise/Fall Edge Rate
Differential Measurement Points for Ringback
Single-ended Measurement Points for Absolute Cross
Point/Swing
t
PD2
t
PD1
tsk(i) = tPD1 -tPD2
tsk(i)
nCLKy
CLKy
nQ[A:D]
Q[A:D]
nCLKx
CLKx
Q -nQ
0.0V
Clock Period (Differential)
Positive Duty
Cycle (Differential)
Negative Duty
Cycle (Differential)
TSTABLE
VRB
Q-nQ
-150mV
VRB = -100mV
VRB = +100mV
+150mV
0.0V
VRB
TSTABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com