Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831752I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS831752I
Description  LVCMOS interface levels for the control inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831752I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS831752I Datasheet HTML 7Page - Integrated Device Technology ICS831752I Datasheet HTML 8Page - Integrated Device Technology ICS831752I Datasheet HTML 9Page - Integrated Device Technology ICS831752I Datasheet HTML 10Page - Integrated Device Technology ICS831752I Datasheet HTML 11Page - Integrated Device Technology ICS831752I Datasheet HTML 12Page - Integrated Device Technology ICS831752I Datasheet HTML 13Page - Integrated Device Technology ICS831752I Datasheet HTML 14Page - Integrated Device Technology ICS831752I Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ICS831752I Data Sheet
CLOCK SWITCH FOR ATCA/AMC AND PCIe APPLICATIONS
ICS831752AGI REVISION A JUNE 28, 2012
11
©2012 Integrated Device Technology, Inc.
2.5V Differential Clock Input Interface
The CLK/nCLK accepts HCSL, LVDS and LVPECL and other
differential signals. Both differential signals must meet the VPP and
VCMR input requirements. Figures 4A to 4 E show interface examples
for the CLK/nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is
from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements. The figures below also apply to FCLK/
nFCLK operating as an input.
Figure 4A. CLK/nCLK Input Driven by a 2.5V LVPECL
Driver
Figure 4C. CLK/nCLK Input Driven by a 2.5V LVPECL
Driver
Figure 4E. CLK/nCLK Input Driven by a 2.5V LVDS Driver
Figure 4B. CLK/nCLK Input Driven by a 2.5V HCSL Driver
Figure 4D. CLK/nCLK Input Driven by a 2.5V LVPECL
Driver with AC Couple
CLK
nCLK
Differential
Input
LVPECL
2.5V
Zo = 50
Ω
Zo = 50
Ω
2.5V
R1
50
Ω
R2
50
Ω
R3
18
Ω
R3
250
Ω
R4
250
Ω
R1
62.5
Ω
R2
62.5
Ω
2.5V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
2.5V
2.5V
LVPECL
Differential
Input
2.5V
R1
100
Ω
LVDS
CLK
nCLK
2.5V
Differential
Input
Zo = 50
Ω
Zo = 50
Ω
HCSL
*R3
33
Ω
*R4
33
Ω
CLK
nCLK
2.5V
2.5V
Zo = 50
Ω
Zo = 50
Ω
Differential
Input
R1
50
Ω
R2
50
Ω
*Optional – R3 and R4 can be 0
Ω
R1
125
R2
125
R5
100 - 200
R6
100 - 200
CLK
nCLK
2.5V LVPECL
2.5V
Zo = 50
Ω
Zo = 50
Ω
2.5V
Differential
Input
C1
C2
R3
84
R4
84
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com