Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831752I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS831752I
Description  LVCMOS interface levels for the control inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831752I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS831752I Datasheet HTML 1Page - Integrated Device Technology ICS831752I Datasheet HTML 2Page - Integrated Device Technology ICS831752I Datasheet HTML 3Page - Integrated Device Technology ICS831752I Datasheet HTML 4Page - Integrated Device Technology ICS831752I Datasheet HTML 5Page - Integrated Device Technology ICS831752I Datasheet HTML 6Page - Integrated Device Technology ICS831752I Datasheet HTML 7Page - Integrated Device Technology ICS831752I Datasheet HTML 8Page - Integrated Device Technology ICS831752I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
ICS831752AGI REVISION A JUNE 28, 2012
1
©2012 Integrated Device Technology, Inc.
Clock Switch for ATCA/AMC and
PCIe Applications
ICS831752I
General Description
The ICS831752I is a high-performance, differential HCSL clock
switch. The device is designed for the routing of PCIe clock signals in
ATCA/AMC system and is optimized for PCIe Gen 1, Gen 2 and Gen
3. The device has one differential, bi-directional I/O (FCLK) for
connection to ATCA clock sources and to clock receivers through a
connector. The differential clock input CLK is the local clock input and
the HCSL output Q is the local clock output. In the common clock
mode, FCLK serves as an input and is routed to the differential HCSL
output Q. There are two local clock modes. In the local clock mode 0,
CLK is the input, Q is the clock output and FCLK is in high-impedance
state. In the local clock mode 1, CLK is the input and both Q and
FCLK are the outputs of the locally generated PCIe clock signal. The
ICS831752I is characterized to operate from a 3.3V power or 2.5V
power supply. The ICS831752I supports the switching of PCI Express
(2.5 Gb/s), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) clock signals.
Features
Clock switch for PCIe and ATCA/AMC applications
Supports local and common ATCA/AMC clock modes
Bi-directional clock I/O FCLK:
- When operating as an output, FCLK is a source-terminated
HCSL signal.
- When operating as an input, FCLK accepts HCSL, LVDS and
LVPECL levels.
Local clock input (CLK) accepts HCSL, LVDS and LVPECL
differential signals
Local HCSL clock output (Q)
Maximum input/output clock frequency: 500MHz
Maximum input/output data rate: 1000Mb/s (NRZ)
LVCMOS interface levels for the control inputs
PCI Express (2.5 Gb/S), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) jitter
compliant
Full 3.3V or 2.5V supply voltage
Lead-free (RoHS 6) 16-lead TSSOP package
-40°C to 85°C ambient operating temperature
ICS831752I
16-lead TSSOP
4.4mm x 5.0mm x 0.925mmpackage body
G Package, Top View
Pin Assignment
16
IREF
15
GND
14
VDD
13
Q
12
nQ
11
GND
10
VDD
9
nc
DIR_SEL
1
nOEFCLK
2
VDD
3
FCLK
4
nFCLK
5
GND
6
CLK
7
nCLK
8
Block Diagram
Pulldown
Pullup/Pulldown
Pullup
Pulldown
FCLK
nFCLK
CLK
nCLK
nOEFCLK
DIR_SEL
IREF
1
0
Q
nQ
1=disable
50
50
50
50
22.33
22..33


Similar Part No. - ICS831752I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
ICS831724I IDT-ICS831724I Datasheet
647Kb / 24P
LVCMOS interface levels for all control inputs
More results

Similar Description - ICS831752I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1208 IDT-8SLVP1208 Datasheet
783Kb / 23P
LVCMOS interface levels for the control input
86004I IDT-86004I Datasheet
231Kb / 13P
CLK accepts the following input levels
ICS831724I IDT-ICS831724I Datasheet
647Kb / 24P
LVCMOS interface levels for all control inputs
logo
Integrated Silicon Solu...
IS62C5128BL ISSI-IS62C5128BL Datasheet
512Kb / 14P
TTL compatible interface levels
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
TTL compatible interface levels
IS62WV51216EALL ISSI-IS62WV51216EALL Datasheet
1Mb / 18P
TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
TTL compatible interface levels
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
Direct interface with TTL levels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com