Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831721I Datasheet (PDF) - Renesas Technology Corp

ICS831721I Datasheet PDF - Renesas Technology Corp
Part # ICS831721I
Download  ICS831721I Download
File Size   1022.5 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential Clock/Data Multiplexer

ICS831721I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS831721I Datasheet PDF - Renesas Technology Corp

Part # ICS831721I
Download  ICS831721I Click to download

File Size   1022.5 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential Clock/Data Multiplexer

ICS831721I Datasheet (HTML) - Renesas Technology Corp


ICS831721I Product details

General Description
The ICS831721I is a high-performance, differential HCSL clock/data
multiplexer and fanout buffer. The device is designed for the
multiplexing of high-frequency clock and data signals. The device has
two differential, selectable clock/data inputs. The selected input
signal is output at one differential HCSL output. Each input pair
accepts HCSL, LVDS, and LVPECL levels. The ICS831721I is
characterized to operate from a 3.3V power supply. Guaranteed
input, output-to-output and part-to-part skew characteristics make
the ICS831721I ideal for those clock and data distribution
applications demanding well-defined performance and repeatability.
The ICS831721I supports the clock multiplexing and distribution of
PCI Express Generation 1, 2 and 3 clock signals.
Features
• 2:1 differential clock/data multiplexer with fanout
• Two selectable, differential inputs
• Each differential input pair can accept the following levels: HCSL,
LVHSTL, LVDS and LVPECL
• One differential HCSL output
• Maximum input/output clock frequency: 700MHz (maximum)
• Maximum input/output data rate: 1400Mb/s (NRZ)LVCMOS
interface levels for all control inputs
• Input skew: 55ps (maximum)
• Part-to-part skew: 400ps (maximum)
• Full 3.3V supply voltage
• Available in lead-free (RoHS 6) 16 TSSOP package
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS831721I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
More results


Similar Description - ICS831721I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A APRIL 8, 2004
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
logo
ON Semiconductor
NB6L56 ONSEMI-NB6L56 Datasheet
139Kb / 10P
Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
logo
Integrated Device Techn...
831724 IDT-831724 Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
831742I IDT-831742I Datasheet
540Kb / 20P
4:2 Differential Clock/Data Multiplexer
831742I IDT-831742I_17 Datasheet
524Kb / 18P
4:2 Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831724 RENESAS-831724 Datasheet
693Kb / 23P
Differential Clock/Data Multiplexer
November 16, 2016
831742I RENESAS-831742I Datasheet
1Mb / 21P
4:2 Differential Clock/Data Multiplexer
July 30, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com