Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831721I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS831721I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS831721I Datasheet HTML 1Page - Renesas Technology Corp ICS831721I Datasheet HTML 2Page - Renesas Technology Corp ICS831721I Datasheet HTML 3Page - Renesas Technology Corp ICS831721I Datasheet HTML 4Page - Renesas Technology Corp ICS831721I Datasheet HTML 5Page - Renesas Technology Corp ICS831721I Datasheet HTML 6Page - Renesas Technology Corp ICS831721I Datasheet HTML 7Page - Renesas Technology Corp ICS831721I Datasheet HTML 8Page - Renesas Technology Corp ICS831721I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS831721AGI REVISION A FEBRUARY 3, 2014
2
©2014 Integrated Device Technology, Inc.
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
Pin Descriptions and Characteristics
Table 1. Pin Descriptions
NOTE: Pullup and pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. nOE Configuration Table
NOTE: nOE is an asynchronous control.
Table 3B. SEL Configuration Table
NOTE: SEL is an asynchronous control.
Number
Name
Type
Description
1
CLK0
Input
Pulldown
Non-inverting clock/data input 0.
2
nCLK0
Input
Pullup/Pulldown Inverting differential clock input 0. VDD/2 default when left floating.
3, 8, 11, 14
VDD
Power
Positive power supply.
4
CLK1
Input
Pulldown
Non-inverting clock/data input 1.
5
nCLK1
Input
Pullup/Pulldown Inverting differential clock input 1. VDD/2 default when left floating.
6, 10
GND
Power
Power supply ground.
7
nc
Unused
No connect.
9
nOE
Input
Pullup
Output enable. See Table 3A for function. LVCMOS/LVTTL interface levels.
12, 13
Q, nQ
Output
Differential output pair. HCSL interface levels.
15
SEL
Input
Pulldown
Input select. See Table 3B for function. LVCMOS/LVTTL interface levels.
16
IREF
Input
An external fixed precision resistor (475
) from this pin to ground provides a
reference current used for the differential current-mode Q, nQ outputs.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
Input
Operation
nOE
0
Output Q, nQ is enabled.
1 (default)
Output Q, nQ is in a high-impedance state.
Input
Selected Input
SEL
0 (default)
CLK0, nCLK0
1
CLK1, nCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com