Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831721I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS831721I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS831721I Datasheet HTML 1Page - Renesas Technology Corp ICS831721I Datasheet HTML 2Page - Renesas Technology Corp ICS831721I Datasheet HTML 3Page - Renesas Technology Corp ICS831721I Datasheet HTML 4Page - Renesas Technology Corp ICS831721I Datasheet HTML 5Page - Renesas Technology Corp ICS831721I Datasheet HTML 6Page - Renesas Technology Corp ICS831721I Datasheet HTML 7Page - Renesas Technology Corp ICS831721I Datasheet HTML 8Page - Renesas Technology Corp ICS831721I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATASHEET
Differential Clock/Data Multiplexer
ICS831721I
ICS831721AGI REVISION A FEBRUARY 3, 2014
1
©2014 Integrated Device Technology, Inc.
General Description
The ICS831721I is a high-performance, differential HCSL clock/data
multiplexer and fanout buffer. The device is designed for the
multiplexing of high-frequency clock and data signals. The device has
two differential, selectable clock/data inputs. The selected input
signal is output at one differential HCSL output. Each input pair
accepts HCSL, LVDS, and LVPECL levels. The ICS831721I is
characterized to operate from a 3.3V power supply. Guaranteed
input, output-to-output and part-to-part skew characteristics make
the ICS831721I ideal for those clock and data distribution
applications demanding well-defined performance and repeatability.
The ICS831721I supports the clock multiplexing and distribution of
PCI Express Generation 1, 2 and 3 clock signals.
Features
• 2:1 differential clock/data multiplexer with fanout
• Two selectable, differential inputs
• Each differential input pair can accept the following levels: HCSL,
LVHSTL, LVDS and LVPECL
• One differential HCSL output
• Maximum input/output clock frequency: 700MHz (maximum)
• Maximum input/output data rate: 1400Mb/s (NRZ)LVCMOS
interface levels for all control inputs
• Input skew: 55ps (maximum)
• Part-to-part skew: 400ps (maximum)
• Full 3.3V supply voltage
• Available in lead-free (RoHS 6) 16 TSSOP package
• -40°C to 85°C ambient operating temperature
Block Diagram
Pin Assignment
ICS831721I
16-Lead TSSOP
4.4mm x 5.0mm x 0.925mm package body
G Package
Top View
IREF
CLK0
nCLK0
CLK1
nCLK1
SEL
nOE
Q
nQ
0
1
Pulldown
Pullup/down
Pulldown
Pullup/down
Pulldown
Pullup/down
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
nc
GND
nCLK1
CLK1
VDD
nCLK0
CLK0
IREF
SEL
VDD
nQ
Q
VDD
GND
nOE


Similar Part No. - ICS831721I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
More results

Similar Description - ICS831721I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A APRIL 8, 2004
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
logo
ON Semiconductor
NB6L56 ONSEMI-NB6L56 Datasheet
139Kb / 10P
Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
logo
Integrated Device Techn...
831724 IDT-831724 Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
831742I IDT-831742I Datasheet
540Kb / 20P
4:2 Differential Clock/Data Multiplexer
831742I IDT-831742I_17 Datasheet
524Kb / 18P
4:2 Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831724 RENESAS-831724 Datasheet
693Kb / 23P
Differential Clock/Data Multiplexer
November 16, 2016
831742I RENESAS-831742I Datasheet
1Mb / 21P
4:2 Differential Clock/Data Multiplexer
July 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com