Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831721I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS831721I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS831721I Datasheet HTML 10Page - Renesas Technology Corp ICS831721I Datasheet HTML 11Page - Renesas Technology Corp ICS831721I Datasheet HTML 12Page - Renesas Technology Corp ICS831721I Datasheet HTML 13Page - Renesas Technology Corp ICS831721I Datasheet HTML 14Page - Renesas Technology Corp ICS831721I Datasheet HTML 15Page - Renesas Technology Corp ICS831721I Datasheet HTML 16Page - Renesas Technology Corp ICS831721I Datasheet HTML 17Page - Renesas Technology Corp ICS831721I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ICS831721AGI REVISION A FEBRUARY 3, 2014
14
©2014 Integrated Device Technology, Inc.
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
The purpose of this section is to calculate power dissipation on the IC per HCSL output pair.
HCSL output driver circuit and termination are shown in Figure 4.
VDD
VOUT
RL
50
IC
IOUT = 17mA
RREF =
475
 ±1%
Figure 4. HCSL Driver Circuit and Termination
HCSL is a current steering output which sources a maximum of 17mA of current per output. To calculate worst case on-chip power dissipation,
use the following equations which assume a 50
 load to ground.
The highest power dissipation occurs when VDD_MAX.
Power
= (VDD_MAX –VOUT)*IOUT,
since VOUT –IOUT *RL
=(VDD_MA – IOUT *RL)*IOUT
= (3.6V – 17mA * 50
) * 17mA
Total Power Dissipation per output pair = 46.8mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com