Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831721I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS831721I Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS831721I Datasheet HTML 1Page - Renesas Technology Corp ICS831721I Datasheet HTML 2Page - Renesas Technology Corp ICS831721I Datasheet HTML 3Page - Renesas Technology Corp ICS831721I Datasheet HTML 4Page - Renesas Technology Corp ICS831721I Datasheet HTML 5Page - Renesas Technology Corp ICS831721I Datasheet HTML 6Page - Renesas Technology Corp ICS831721I Datasheet HTML 7Page - Renesas Technology Corp ICS831721I Datasheet HTML 8Page - Renesas Technology Corp ICS831721I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ICS831721AGI REVISION A FEBRUARY 3, 2014
4
©2014 Integrated Device Technology, Inc.
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
Table 5. PCI Express Jitter Specifications, VDD = 3.3V ± 0.3V, TA= -40°C to 85°C
NOTE: The source generator used in the PCI Express Jitter measurements is Stanford Research Systems CG635 2.0GHz Synthesized Clock
Generator.
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions. For additional information, refer to the PCI Express Application Note section in the datasheet.
NOTE 1: Peak-to-Peak jitter after applying system transfer function for the Common Clock Architecture. Maximum limit for PCI Express Gen 1
is 86ps peak-to-peak for a sample size of 106 clock periods.
NOTE 2: RMS jitter after applying the two evaluation bands to the two transfer functions defined in the Common Clock Architecture and
reporting the worst case results for each evaluation band. Maximum limit for PCI Express Generation 2 is 3.1ps RMS for tREFCLK_HF_RMS
(High Band) and 3.0ps RMS for tREFCLK_LF_RMS (Low Band).
NOTE 3: RMS jitter after applying system transfer function for the common clock architecture. This specification is based on the PCI Express
Base Specification Revision 0.7, October 2009 and is subject to change pending the final release version of the specification.
NOTE 4: This parameter is guaranteed by characterization. Not tested in production.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
PCIe Industry
Specification
Units
tJ
(PCIe Gen 1)
Phase Jitter
Peak-to-Peak
NOTE 1, 4
ƒ = 100MHz,
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
6.77
11.2
86
ps
tREFCLK_HF_RMS
(PCIe Gen 2)
Phase Jitter RMS;
NOTE 2, 4
ƒ = 100MHz,
High Band:1.5Hz - Nyquist
(clock frequency/2)
0.59
1.01
3.1
ps
tREFCLK_LF_RMS
(PCIe Gen 2)
Phase Jitter RMS;
NOTE 2, 4
ƒ = 100MHz,
Low Band: 10kHz - 1.5Hz
0.03
0.07
3.0
ps
tREFCLK_RMS
(PCIe Gen 3)
Phase Jitter RMS;
NOTE 3, 4
ƒ = 100MHz,
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
0.112
0.185
0.8
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com