Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831721I Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS831721I Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS831721I Datasheet HTML 7Page - Renesas Technology Corp ICS831721I Datasheet HTML 8Page - Renesas Technology Corp ICS831721I Datasheet HTML 9Page - Renesas Technology Corp ICS831721I Datasheet HTML 10Page - Renesas Technology Corp ICS831721I Datasheet HTML 11Page - Renesas Technology Corp ICS831721I Datasheet HTML 12Page - Renesas Technology Corp ICS831721I Datasheet HTML 13Page - Renesas Technology Corp ICS831721I Datasheet HTML 14Page - Renesas Technology Corp ICS831721I Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS831721AGI REVISION A FEBRUARY 3, 2014
11
©2014 Integrated Device Technology, Inc.
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
Recommended Termination
Figure 2A is the recommended source termination for applications
where the driver and receiver will be on a separate PCBs. This
termination is the standard for PCI Express™
and HCSL output
types. All traces should be 50
 impedance single-ended or
100
 differential.
Figure 2A. Recommended Source Termination (where the driver and receiver will be on separate PCBs)
Figure 2B is the recommended termination for applications where a
point-to-point connection can be used. A point-to-point connection
contains both the driver and the receiver on the same PCB. With a
matched termination at the receiver, transmission-line reflections will
be minimized. In addition, a series resistor (Rs) at the driver offers
flexibility and can help dampen unwanted reflections. The optional
resistor can range from 0
 to 33. All traces should be 50
impedance single-ended or 100
 differential.
Figure 2B. Recommended Termination (where a point-to-point connection can be used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com