Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831742I Datasheet (PDF) - Renesas Technology Corp

831742I Datasheet PDF - Renesas Technology Corp
Part # 831742I
Download  831742I Download
File Size   1420.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:2 Differential Clock/Data Multiplexer

831742I Datasheet (PDF)

Go To PDF Page Download Datasheet
831742I Datasheet PDF - Renesas Technology Corp

Part # 831742I
Download  831742I Click to download

File Size   1420.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:2 Differential Clock/Data Multiplexer

831742I Datasheet (HTML) - Renesas Technology Corp


831742I Product details

Description
The 831742I is a high-performance, differential HCSL clock/data
multiplexer and fanout buffer. The device is designed for the
multiplexing and fanout of high-frequency clock and data signals.
The device has four differential, selectable clock/data inputs. The
selected input signal is distributed to two low-skew differential HCSL
outputs. Each input pair accepts HCSL, LVDS and LVPECL levels.
The 831742I is characterized to operate from a 3.3V power supply.
Guaranteed input, output-to-output and part-to-part skew
characteristics make the 831742I ideal for those clock and data
distribution applications demanding well-defined performance and
repeatability. The 831742I supports the clock multiplexing and
distribution of PCI Express (2.5Gb/s), Gen2 (5Gb/s), Gen3 (8Gb/s)
and Gen4 (16Gb/s) clock signals

Features
• 4:2 differential clock/data multiplexer with fanout
• Four selectable, differential input pairs
• Each differential input pair can accept the following levels: HCSL,
LVDS and LVPECL
• Two differential HCSL output pairs
• Maximum input/output clock frequency: 700MHz
• Maximum input/output data rate: 1400Mb/s (NRZ)
• LVCMOS interface levels for all control inputs
• PCI Express (2.5Gb/s), Gen2 (5 Gb/s), Gen3 (8 Gb/s) and Gen4 (16
Gb/s) clock jitter compliant
• Input skew: 110ps max
• Part-to-part skew: 225ps max
• Full 3.3V supply voltage
• Available in lead-free (RoHS 6)
• -40°C to 85°C ambient operating temperature




Similar Part No. - 831742I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
831742I IDT-831742I Datasheet
540Kb / 20P
4:2 Differential Clock/Data Multiplexer
831742I IDT-831742I Datasheet
524Kb / 18P
4:2 Differential Clock/Data Multiplexer
831742I IDT-831742I_17 Datasheet
524Kb / 18P
4:2 Differential Clock/Data Multiplexer
More results


Similar Description - 831742I

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
3.3V 2:4 Differential Clock/Data Fanout Buffer
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
logo
ON Semiconductor
NB6L56 ONSEMI-NB6L56 Datasheet
139Kb / 10P
Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
logo
Integrated Device Techn...
831724 IDT-831724 Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
831742I IDT-831742I Datasheet
540Kb / 20P
4:2 Differential Clock/Data Multiplexer
831742I IDT-831742I_17 Datasheet
524Kb / 18P
4:2 Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831724 RENESAS-831724 Datasheet
693Kb / 23P
Differential Clock/Data Multiplexer
November 16, 2016
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com