Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831742I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 831742I
Description  4:2 Differential Clock/Data Multiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831742I Datasheet(HTML) 4 Page - Renesas Technology Corp

  831742I Datasheet HTML 1Page - Renesas Technology Corp 831742I Datasheet HTML 2Page - Renesas Technology Corp 831742I Datasheet HTML 3Page - Renesas Technology Corp 831742I Datasheet HTML 4Page - Renesas Technology Corp 831742I Datasheet HTML 5Page - Renesas Technology Corp 831742I Datasheet HTML 6Page - Renesas Technology Corp 831742I Datasheet HTML 7Page - Renesas Technology Corp 831742I Datasheet HTML 8Page - Renesas Technology Corp 831742I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
©2021 Renesas Electronics Corporation
R31DS0073EU0200 July 30, 2021
831742I Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL Input DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
Table 4C. Differential DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance, JA
87.8°C/W (0 mps)
Storage Temperature, TSTG
-65C to 150C
Symbol Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.0
3.3
3.6
V
IDD
Power Supply Current
Outputs Unloaded
26
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
nOEA, nOEB
VDD = VIN = 3.6V
5
µA
SEL0, SEL1
VDD = VIN = 3.6V
150
µA
IIL
Input Low Current
nOEA, nOEB
VDD = 3.6V, VIN = 0V
-150
µA
SEL0, SEL1
VDD = 3.6V, VIN = 0V
-5
µA
Symbol Parameter
Test Conditions
Minimum Typical Maximum
Units
IIH
Input
High Current
CLK0, nCLK0; CLK1, nCLK1;
CLK2, nCLK2; CLK3, nCLK3
VDD = VIN = 3.6V
150
µA
IIL
Input
Low Current
CLK[0:3]
VDD = 3.6V, VIN = 0V
-5
µA
nCLK[0:3]
VDD = 3.6V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com