Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831742I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 831742I
Description  4:2 Differential Clock/Data Multiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831742I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 831742I Datasheet HTML 2Page - Renesas Technology Corp 831742I Datasheet HTML 3Page - Renesas Technology Corp 831742I Datasheet HTML 4Page - Renesas Technology Corp 831742I Datasheet HTML 5Page - Renesas Technology Corp 831742I Datasheet HTML 6Page - Renesas Technology Corp 831742I Datasheet HTML 7Page - Renesas Technology Corp 831742I Datasheet HTML 8Page - Renesas Technology Corp 831742I Datasheet HTML 9Page - Renesas Technology Corp 831742I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
©2021 Renesas Electronics Corporation
R31DS0073EU0200 July 30, 2021
831742I Datasheet
Table 5B. HCSL AC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Measured from the differential input cross point to the differential output crossing point.
NOTE 2: Measurement taken from differential waveform.
NOTE 3: Measurement from -150mV to +150mV on the differential waveform (derived from QX minus nQX). The signal must be monotonic
through the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.
NOTE 4: TSTABLE is the time the differential clock must maintain a minimum ±150mV differential voltage after rising/falling edges before it is
allowed to drop back into the VRB = ±100 differential range. See Parameter Measurement Information Section.
NOTE 5: Measurement taken from single-ended waveform.
NOTE 6: Defined as the maximum instantaneous voltage including overshoot. See Parameter Measurement Information Section.
NOTE 7: Defined as the minimum instantaneous voltage including undershoot. See Parameter Measurement Information Section.
NOTE 8: Measured at crossing point where the instantaneous voltage value of the rising edge of QX equals the falling edge of nQX.
See Parameter Measurement Information Section
NOTE 9: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing
points for this measurement. See Parameter Measurement Information Section.
NOTE 10: Defined as the total variation of all crossing voltage of rising QX and falling nQX. This is the maximum allowed variance in the
VCROSS for any particular system. See Parameter Measurement Information Section.
NOTE 11: Input duty cycle must be 50%.
NOTE 12: Matching applies to rising edge rate for QX and falling edge rate for nQX. It is measured using a ±75mV window centered on the
median crosspoint where QX meets nQX falling. The median crosspoint is used to calculate the voltage thresholds the oscilloscope is to use
for the edge rate calculations. The rise edge rate of QX should be compared to the fall edge rate of nQX, the maximum allowed difference
should not exceed 20% of the slowest edge rate.
NOTE 13: Defined as skew between input paths on the same device, using the same input signal levels, measured at one specific output at
the differential cross points.
NOTE 14: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 15: Defined as skew between outputs on different devices operating at the same supply voltage and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 16: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross
points.
Symbol
Parameter
Test Conditions
Minimum
Typical Maximum Units
fOUT
Output Frequency
700
MHz
tPD
Propagation Delay; NOTE 1
1.5
2
2.5
ns
tsk(o)
Output Skew; NOTE 16
Across All Outputs
3
15
ps
tsk(i)
Input Skew; NOTE 13
Any Input to Q/nQ
30
110
ps
tsk(pp)
Part-to-Part Skew; NOTE 14, 15
225
ps
MUXISOL
Mux Isolation
f = 100MHz
40
dB
Rising
Edge Rate
Rising Edge Rate; NOTE 2, 3
f = 100MHz
0.6
4
V/ns
Falling
Edge Rate
Falling Edge Rate; NOTE 2, 3
f = 100MHz
0.6
4
V/ns
VRB
Ringback Voltage; NOTE 2, 4
f = 100MHz
-100
100
mV
VMAX
Absolute Max Output Voltage;
NOTE 5, 6
f = 100MHz
1150
mV
VMIN
Absolute Min Output Voltage;
NOTE 5, 7
f = 100MHz
-300
mV
VCROSS
Absolute Crossing Voltage;
NOTE 5, 8, 9
f = 100MHz
250
550
mV
VCROSS
Total Variation of VCROSS over all
edges; NOTE 5, 8, 10
f = 100MHz
140
mV
odc
Output Duty Cycle; NOTE 11
f  200MHz
48
50
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com