Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831742I Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 831742I
Description  4:2 Differential Clock/Data Multiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831742I Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 831742I Datasheet HTML 7Page - Renesas Technology Corp 831742I Datasheet HTML 8Page - Renesas Technology Corp 831742I Datasheet HTML 9Page - Renesas Technology Corp 831742I Datasheet HTML 10Page - Renesas Technology Corp 831742I Datasheet HTML 11Page - Renesas Technology Corp 831742I Datasheet HTML 12Page - Renesas Technology Corp 831742I Datasheet HTML 13Page - Renesas Technology Corp 831742I Datasheet HTML 14Page - Renesas Technology Corp 831742I Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
©2021 Renesas Electronics Corporation
R31DS0073EU0200 July 30, 2021
831742I Datasheet
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, HCSL and other
differential signals. Both signals must meet the VPP and VCMR input
requirements. Figures 2A to 2E show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 2A, the input termination
applies for IDT open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 2A. CLK/nCLK Input Driven by an IDT Open
Emitter HiPerClockS LVHSTL Driver
Figure 2C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 2E. CLK/nCLK Input Driven by a
3.3V HCSL Driver
Figure 2B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 2D. CLK/nCLK Input Driven by a
3.3V LVDS Driver
R1
50
R2
50
1.8V
Zo = 50
Zo = 50
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com