Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831742I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 831742I
Description  4:2 Differential Clock/Data Multiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831742I Datasheet(HTML) 3 Page - Renesas Technology Corp

  831742I Datasheet HTML 1Page - Renesas Technology Corp 831742I Datasheet HTML 2Page - Renesas Technology Corp 831742I Datasheet HTML 3Page - Renesas Technology Corp 831742I Datasheet HTML 4Page - Renesas Technology Corp 831742I Datasheet HTML 5Page - Renesas Technology Corp 831742I Datasheet HTML 6Page - Renesas Technology Corp 831742I Datasheet HTML 7Page - Renesas Technology Corp 831742I Datasheet HTML 8Page - Renesas Technology Corp 831742I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
©2021 Renesas Electronics Corporation
R31DS0073EU0200 July 30, 2021
831742I Datasheet
Function Tables
Table 3A. nOEA Configuration Table
NOTE: nOEA is an asynchronous control.
Table 3B. nOEB Configuration Table
NOTE: nOEB is an asynchronous control.
Table 3C. SELx Configuration Table
NOTE: SEL1 and SEL0 are asynchronous controls
Input
Operation
nOEA
0
Output QA, nQA is enabled.
1 (default)
Output QA, nQA is in a high-impedance state.
Input
Operation
nOEB
0
Output QB, nQB is enabled.
1 (default) Output QB, nQB is in a high-impedance state.
Input
Selected
SEL1
SEL0
0 (default)
0 (default)
CLK0, nCLK0
0
1
CLK1, nCLK1
1
0
CLK2, nCLK2
1
1
CLK3, nCLK3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com