Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831742I Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 831742I
Description  4:2 Differential Clock/Data Multiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831742I Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 831742I Datasheet HTML 13Page - Renesas Technology Corp 831742I Datasheet HTML 14Page - Renesas Technology Corp 831742I Datasheet HTML 15Page - Renesas Technology Corp 831742I Datasheet HTML 16Page - Renesas Technology Corp 831742I Datasheet HTML 17Page - Renesas Technology Corp 831742I Datasheet HTML 18Page - Renesas Technology Corp 831742I Datasheet HTML 19Page - Renesas Technology Corp 831742I Datasheet HTML 20Page - Renesas Technology Corp 831742I Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
©2021 Renesas Electronics Corporation
R31DS0073EU0200 July 30, 2021
831742I Datasheet
Reliability Information
Table 7. JA vs. Air Flow Table for a 24 Lead TSSOP
Transistor Count
The transistor count for the 831742I is: 765
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see Ordering Information
for POD links). The package information is the most current data available and is subject to change without revision of this document.
Table 9. Ordering Information
Revision History
JA vs. Air Flow
Meters per Second
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
87.8°C/W
83.5°C/W
81.3°C/W
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
831742AGILF
ICS831742AGIL
4.4 × 7.8 × 0.925 mm 24-TSSOP
Tube
-40C to 85C
831742AGILFT
ICS831742AGIL
Tape & Reel
-40C to 85C
Revision Date
Description of Change
July 30, 2021
▪ Updated first page description and features to Gen4.
▪ Updated Phase Jitter table 5A.
▪ Updated Package Outline Drawings section and Ordering Information table.
August 18, 2017
Updated the block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com