Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2002ESF Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2002ESF Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PMEG2002ESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 10Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 11Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 12Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NXP Semiconductors
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
8 October 2013
13 / 13
16. Contents
1
General description ............................................... 1
2
Features and benefits ............................................1
3
Applications ........................................................... 1
4
Quick reference data ............................................. 1
5
Pinning information ...............................................2
6
Ordering information .............................................2
7
Marking ................................................................... 2
8
Limiting values .......................................................2
9
Thermal characteristics .........................................3
10
Characteristics .......................................................5
11
Test information .....................................................8
12
Package outline ..................................................... 9
13
Soldering .............................................................. 10
14
Revision history ...................................................10
15
Legal information .................................................11
15.1
Data sheet status ............................................... 11
15.2
Definitions ...........................................................11
15.3
Disclaimers .........................................................11
15.4
Trademarks ........................................................ 12
© NXP N.V. 2013. All rights reserved
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 8 October 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com