Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2002ESF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2002ESF Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2002ESF_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2002ESF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
8 October 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
Transparent
top view
2
1
DSN0603-2 (SOD962-2)
sym001
1
2
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMEG2002ESF
DSN0603-2
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.3
mm
SOD962-2
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMEG2002ESF
E
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
20
V
IF
forward current
Tsp ≤ 120 °C
-
0.28
A
δ = 0.5 ; f = 20 kHz; Tsp ≤ 125 °C;
square wave
-
0.2
A
IF(AV)
average forward current
δ = 0.5 ; f = 20 kHz; Tamb ≤ 115 °C;
square wave
[1]
-
0.2
A
IFRM
repetitive peak forward current tp ≤ 1 ms; δ ≤ 0.25
-
1
A
IFSM
non-repetitive peak forward
current
tp = 8 ms; Tj(init) = 25 °C; square wave
-
4.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
325
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com