Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX481ESA Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX481ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481ESA Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX481ESA Datasheet HTML 11Page - Maxim Integrated Products MAX481ESA Datasheet HTML 12Page - Maxim Integrated Products MAX481ESA Datasheet HTML 13Page - Maxim Integrated Products MAX481ESA Datasheet HTML 14Page - Maxim Integrated Products MAX481ESA Datasheet HTML 15Page - Maxim Integrated Products MAX481ESA Datasheet HTML 16Page - Maxim Integrated Products MAX481ESA Datasheet HTML 17Page - Maxim Integrated Products MAX481ESA Datasheet HTML 18Page - Maxim Integrated Products MAX481ESA Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
______________________________________________________________________________________
15
_______________Ordering Information
_________________Chip Topographies
MAX481/MAX483/MAX485/MAX487/MAX1487
N.C.
RO
0.054"
(1.372mm)
0.080"
(2.032mm)
DE
DI
GND
B
N.C.
VCC
A
RE
* Contact factory for dice specifications.
14 CERDIP
-55°C to +125°C
MAX489MJD
14 SO
-40°C to +85°C
MAX489ESD
14 Plastic DIP
-40°C to +85°C
MAX489EPD
Dice*
0°C to +70°C
MAX489C/D
14 SO
0°C to +70°C
MAX489CSD
14 Plastic DIP
0°C to +70°C
MAX489CPD
8 CERDIP
-55°C to +125°C
MAX488MJA
8 SO
-40°C to +85°C
MAX488ESA
8 Plastic DIP
-40°C to +85°C
MAX488EPA
Dice*
0°C to +70°C
MAX488C/D
8 SO
0°C to +70°C
MAX488CSA
8 Plastic DIP
0°C to +70°C
MAX488CPA
8 CERDIP
-55°C to +125°C
MAX487MJA
8 SO
-40°C to +85°C
MAX487ESA
8 Plastic DIP
-40°C to +85°C
MAX487EPA
Dice*
0°C to +70°C
MAX487C/D
8 SO
0°C to +70°C
MAX487CSA
8 Plastic DIP
0°C to +70°C
MAX487CPA
8 CERDIP
-55°C to +125°C
MAX485MJA
8 SO
-40°C to +85°C
MAX485ESA
8 Plastic DIP
-40°C to +85°C
MAX485EPA
Dice*
0°C to +70°C
MAX485C/D
8 SO
0°C to +70°C
MAX485CSA
8 Plastic DIP
0°C to +70°C
MAX485CPA
8 CERDIP
-55°C to +125°C
MAX483MJA
8 SO
-40°C to +85°C
MAX483ESA
8 Plastic DIP
-40°C to +85°C
MAX483EPA
8 CERDIP
-55°C to +125°C
MAX481MJA
8 Plastic DIP
0°C to +70°C
MAX481CPA
PIN-PACKAGE
TEMP. RANGE
PART
14 CERDIP
-55°C to +125°C
MAX491MJD
14 SO
-40°C to +85°C
MAX491ESD
14 Plastic DIP
-40°C to +85°C
MAX491EPD
Dice*
0°C to +70°C
MAX491C/D
14 SO
0°C to +70°C
MAX491CSD
14 Plastic DIP
0°C to +70°C
MAX491CPD
8 CERDIP
-55°C to +125°C
MAX490MJA
8 SO
-40°C to +85°C
MAX490ESA
8 Plastic DIP
-40°C to +85°C
MAX490EPA
Dice*
0°C to +70°C
MAX490C/D
8 Plastic DIP
0°C to +70°C
MAX490CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 SO
-40°C to +85°C
MAX481ESA
8 µMAX
0°C to +70°C
MAX485CUA
8 µMAX
0°C to +70°C
MAX487CUA
8 µMAX
0°C to +70°C
MAX488CUA
8 SO
0°C to +70°C
MAX490CSA
8 µMAX
0°C to +70°C
MAX490CUA
__Ordering Information (continued)
8 CERDIP
-55°C to +125°C
MAX1487MJA
8 SO
-40°C to +85°C
MAX1487ESA
8 Plastic DIP
-40°C to +85°C
MAX1487EPA
Dice*
0°C to +70°C
MAX1487C/D
8 SO
0°C to +70°C
MAX1487CSA
8 Plastic DIP
0°C to +70°C
MAX1487CPA
8 µMAX
0°C to +70°C
MAX1487CUA
8 µMAX
0°C to +70°C
MAX483CUA
Dice*
0°C to +70°C
MAX483C/D
8 SO
0°C to +70°C
MAX483CSA
8 Plastic DIP
0°C to +70°C
MAX483CPA
8 Plastic DIP
-40°C to +85°C
MAX481EPA
Dice*
0°C to +70°C
MAX481C/D
8 µMAX
0°C to +70°C
MAX481CUA
8 SO
0°C to +70°C
MAX481CSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com