Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX481ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX481ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX481ESA Datasheet HTML 3Page - Maxim Integrated Products MAX481ESA Datasheet HTML 4Page - Maxim Integrated Products MAX481ESA Datasheet HTML 5Page - Maxim Integrated Products MAX481ESA Datasheet HTML 6Page - Maxim Integrated Products MAX481ESA Datasheet HTML 7Page - Maxim Integrated Products MAX481ESA Datasheet HTML 8Page - Maxim Integrated Products MAX481ESA Datasheet HTML 9Page - Maxim Integrated Products MAX481ESA Datasheet HTML 10Page - Maxim Integrated Products MAX481ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
MAX481
MAX483
MAX485
MAX487
MAX1487
TOP VIEW
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
TYPICAL OPERATING CIRCUIT SHOWN WITH DIP/SO PACKAGE.
1
2
3
4
8
5
VCC
GND
DI
DE
RE
RO
R
D
Rt
Rt
7
6
D
R
DE
RE
DI
RO
A
B
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE
RE
RO
DIP/SO
R
D
1
2
3
4
8
7
6
5
VCC
A
GND
DE
RE
B
RO
µMAX
B
A
DI
MAX481
MAX483
MAX485
MAX487
MAX1487
Figure 1. MAX481/MAX483/MAX485/MAX487/MAX1487 Pin Configuration and Typical Operating Circuit
µMAX
—
—
5
6
7
8
—
2
—
1
3
—
µMAX
4
5
6
7
—
—
8
—
1
—
2
—
DIP/SO
DIP/SO
2
3
Receiver Output Enable. RO is enabled when RE is low; RO is
high impedance when RE is high.
3
4
Driver Output Enable. The driver outputs, Y and Z, are enabled
by bringing DE high. They are high impedance when DE is low. If
the driver outputs are enabled, the parts function as line drivers.
While they are high impedance, they function as line receivers if
RE is low.
DIP/SO
—
4
5
Driver Input. A low on DI forces output Y low and output Z high.
Similarly, a high on DI forces output Y high and output Z low.
5
6, 7
Ground
—
9
Noninverting Driver Output
—
10
Inverting Driver Output
—
3
4
6
—
Noninverting Receiver Input and Noninverting Driver Output
—
12
Noninverting Receiver Input
5
6
—
8
RE
DE
DI
GND
Y
Z
A
A
7
—
—
B
Inverting Receiver Input and Inverting Driver Output
—
7
11
B
Inverting Receiver Input
8
1
14
VCC
Positive Supply: 4.75V ≤ VCC ≤ 5.25V
—
—
1, 8, 13
N.C.
No Connect—not internally connected
FUNCTION
NAME
4
3
1
2
Receiver Output: If A > B by 200mV, RO will be high;
If A < B by 200mV, RO will be low.
2
RO
PIN
FUNCTION
NAME
MAX481/MAX483/
MAX485/MAX487/
MAX1487
MAX488/
MAX490
MAX489/
MAX491



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com